Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SM4003A Datasheet (PDF) - Bytes

SM4003A Datasheet PDF - Bytes
Part # SM4003A
Download  SM4003A Download

File Size   154.96 Kbytes
Page   2 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description 1.0 AMP SURFACE MOUNT SILICON RECTIFIERS

SM4003A Datasheet (PDF)

Go To PDF Page Download Datasheet
SM4003A Datasheet PDF - Bytes

Part # SM4003A
Download  SM4003A Click to download

File Size   154.96 Kbytes
Page   2 Pages
Manufacturer  BYTES [Bytes]
Direct Link  
Logo BYTES - Bytes
Description 1.0 AMP SURFACE MOUNT SILICON RECTIFIERS

SM4003A Datasheet (HTML) - Bytes

SM4003A Datasheet HTML 1Page - Bytes SM4003A Datasheet HTML 2Page - Bytes

SM4003A Product details

VOLTAGE RANGE 50 to 1000 Volts

CURRENT 1.0 Ampere



FEATURES

* Ideal for surface mount applications

* Easy pick and place

* Built-in strain relief

* High surge current capability



MECHANICAL DATA

* Case: Molded plastic

* Epoxy: UL 94V-0 rate flame retardant

* Terminals: Solder plated, solderable per MIL-STD-202F, method 208 guranteed

* Polarity: Color band denotes cathode end

* Mounting position: Any

* Weight: 0.063 gram




Similar Part No. - SM4003A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM4003A UNIOHM-SM4003A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4003A SECOS-SM4003A Datasheet
192Kb / 2P
   1.0 AMP Surface Mount Silicon Rectifiers
SM4003A SECOS-SM4003A Datasheet
207Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
logo
SUNMATE electronic Co.,...
SM4003A SUNMATE-SM4003A Datasheet
324Kb / 2P
   SURFACE MOUNT SILICON RECTIFIER DIODES
logo
SeCoS Halbleitertechnol...
SM4003AM SECOS-SM4003AM Datasheet
160Kb / 2P
   Voltage 50 ~ 1000 V 1.0Amp Surface Mount Silicon Rectifiers
More results


Similar Description - SM4003A

ManufacturerPart #DatasheetDescription
logo
UNIOHM CORPORATION
SM4001 UNIOHM-SM4001 Datasheet
63Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SM4001A UNIOHM-SM4001A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
SeCoS Halbleitertechnol...
SM4001A SECOS-SM4001A Datasheet
192Kb / 2P
   1.0 AMP Surface Mount Silicon Rectifiers
logo
Goodwork Semiconductor ...
SM4001A GWSEMI-SM4001A Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
SS4001 GWSEMI-SS4001 Datasheet
66Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytes
SM4001 BYTES-SM4001 Datasheet
149Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Nanjing International G...
S1A DGNJDZ-S1A Datasheet
143Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
M1 DGNJDZ-M1_05 Datasheet
118Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
Bytesonic Electronics C...
M1F BYTESONIC-M1F Datasheet
317Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
logo
UNIOHM CORPORATION
SM4001M UNIOHM-SM4001M Datasheet
64Kb / 2P
   1.0 AMP SURFACE MOUNT SILICON RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com