Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LP2951C Datasheet (PDF) - Calogic, LLC

LP2951C Datasheet PDF - Calogic, LLC
Part # LP2951C
Download  LP2951C Download

File Size   140.82 Kbytes
Page   10 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 100mA Low Dropout Voltage Regulators

LP2951C Datasheet (PDF)

Go To PDF Page Download Datasheet
LP2951C Datasheet PDF - Calogic, LLC

Part # LP2951C
Download  LP2951C Click to download

File Size   140.82 Kbytes
Page   10 Pages
Manufacturer  CALOGIC [Calogic, LLC]
Direct Link  http://www.calogic.net
Logo CALOGIC - Calogic, LLC
Description 100mA Low Dropout Voltage Regulators

LP2951C Datasheet (HTML) - Calogic, LLC

LP2951C Datasheet HTML 1Page - Calogic, LLC LP2951C Datasheet HTML 2Page - Calogic, LLC LP2951C Datasheet HTML 3Page - Calogic, LLC LP2951C Datasheet HTML 4Page - Calogic, LLC LP2951C Datasheet HTML 5Page - Calogic, LLC LP2951C Datasheet HTML 6Page - Calogic, LLC LP2951C Datasheet HTML 7Page - Calogic, LLC LP2951C Datasheet HTML 8Page - Calogic, LLC LP2951C Datasheet HTML 9Page - Calogic, LLC LP2951C Datasheet HTML 10Page - Calogic, LLC

LP2951C Product details

PRODUCT DESCRIPTION

The Calogic LP2950 and LP2951 are low power voltage regulators. These devices are an excellent choice for use in battery-powered applications such as cordless telephones, radio control systems, and portable computers. The LP2950 and LP2951 features very low quiescent current and very low dropout voltage (Typ. 50mV at light load and 380mV at 100mA). This includes a tight initial tolerance of 0.5% typ., extremely good load and line regulation 0.05% typ. and very low output temperature coefficient, making the LP2950/LP2951 useful as a low-power voltage reference.



FEATURES

• 5V, 3.3V, and 3.0V Versions at 100mA Output

• Very Low Quiescent Current

• Low Dropout Voltage

• Extremely Tight Load and Line Regulation

• Very Low Temperature Coefficient

• Current and Thermal Limiting

• Needs Only 1µF for Stability



LP2951 Versions Only

• Error Flag Warns of Output Dropout

• Logic-Controlled Electronic Shutdown

• Output Programmable from 1.24 to 29V



APPLICATIONS

• Battery Powered Systems

• Cordless Telephones

• Radio Control Systems

• Portable / Palm Top / Notebook Computers

• Portable Consumer Equipment

• Portable Instrumentation

• Avionics

• SMPS Post-Regulator

• Voltage Reference

• Automotive Electronics



 




Similar Part No. - LP2951C

ManufacturerPart #DatasheetDescription
logo
Advanced Monolithic Sys...
LP2951C ADMOS-LP2951C Datasheet
142Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
LP2951C ADMOS-LP2951C Datasheet
137Kb / 14P
   100mA LOW DROPOUT VOLTAGE REGULATOR
logo
ON Semiconductor
LP2951C/AC ONSEMI-LP2951C/AC Datasheet
3Mb / 4P
   AC-DC Offline Switching Controllers/Regulators
Rev.0, Jun-2005
LP2951CD ONSEMI-LP2951CD Datasheet
289Kb / 16P
   Micropower Voltage Regulators
October, 1999 ??Rev. 5
LP2951CD ONSEMI-LP2951CD Datasheet
253Kb / 22P
   100 mA, Low Power Low Dropout Voltage Regulator
April, 2013 ??Rev. 26
More results


Similar Description - LP2951C

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL2950-XXA3 CYSTEKEC-PL2950-XXA3 Datasheet
198Kb / 3P
   100mA Low Dropout Voltage Regulators
logo
Gamma Microelectronics ...
GM2950 GAMMA-GM2950 Datasheet
445Kb / 10P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
HTC Korea TAEJIN Techno...
LM2950 HTC-LM2950 Datasheet
172Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Exar Corporation
LP2950 EXAR-LP2950 Datasheet
835Kb / 16P
   100mA, LOW DROPOUT VOLTAGE REGULATORS
logo
Sipex Corporation
LP2950 SIPEX-LP2950_07 Datasheet
812Kb / 15P
   100mA Low Dropout Voltage Regulators
logo
HTC Korea TAEJIN Techno...
LM2930 HTC-LM2930 Datasheet
138Kb / 4P
   100mA LOW DROPOUT VOLTAGE REGULATORS
logo
Linear Dimensions Semic...
LND2950 LINEAR_DIMENSIONS-LND2950 Datasheet
137Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Cystech Electonics Corp...
PL2951-XXQ8 CYSTEKEC-PL2951-XXQ8 Datasheet
209Kb / 5P
   100mA Low Dropout Voltage Regulators
logo
Maxim Integrated Produc...
MAX8865T MAXIM-MAX8865T Datasheet
169Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
MAX8865R MAXIM-MAX8865R Datasheet
172Kb / 12P
   Dual, Low-Dropout, 100mA Linear Regulators
19-0485; Rev 0; 4/96
More results




About Calogic, LLC


Calogic, LLC is a semiconductor company that specializes in the design and manufacture of high-performance linear and mixed-signal integrated circuits.
The company was founded in 1971 and is headquartered in Santa Clara, California, USA.
Calogic offers a wide range of products including operational amplifiers, comparators, voltage regulators, and other linear and mixed-signal ICs.
The company is known for its expertise in analog technology, high-quality products, and competitive prices.
Calogic works closely with its customers to provide customized analog solutions that meet their specific requirements and needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com