Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FCPF20N60S Datasheet (PDF) - Fairchild Semiconductor

FCPF20N60S Datasheet PDF - Fairchild Semiconductor
Part # FCPF20N60S
Download  FCPF20N60S Download

File Size   298.83 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description DESIGN/PROCESS CHANGE NOTIFICATION

FCPF20N60S Datasheet (PDF)

Go To PDF Page Download Datasheet
FCPF20N60S Datasheet PDF - Fairchild Semiconductor

Part # FCPF20N60S
Download  FCPF20N60S Click to download

File Size   298.83 Kbytes
Page   14 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description DESIGN/PROCESS CHANGE NOTIFICATION

FCPF20N60S Datasheet (HTML) - Fairchild Semiconductor

Back Button FCPF20N60S Datasheet HTML 1Page - Fairchild Semiconductor FCPF20N60S Datasheet HTML 2Page - Fairchild Semiconductor FCPF20N60S Datasheet HTML 3Page - Fairchild Semiconductor FCPF20N60S Datasheet HTML 4Page - Fairchild Semiconductor FCPF20N60S Datasheet HTML 5Page - Fairchild Semiconductor FCPF20N60S Datasheet HTML 6Page - Fairchild Semiconductor FCPF20N60S Datasheet HTML 7Page - Fairchild Semiconductor FCPF20N60S Datasheet HTML 8Page - Fairchild Semiconductor FCPF20N60S Datasheet HTML 9Page - Fairchild Semiconductor FCPF20N60S Datasheet HTML 10Page - Fairchild Semiconductor Next Button 

FCPF20N60S Product details

Description
SuperFET®II MOSFET is Fairchild Semiconductor®’s first generation of high voltage super-junction (SJ) MOSFET family that is utilizing charge balance technology for outstanding low on-resistance and lower gate charge performance.This advanced technology is tailored to minimize conduction loss, provide superior switching performance, and withstand extreme dv/dt rate and higher avalanche energy. Consequently, SuperFETII MOSFET is suitable for various AC/DC power conversion for system miniaturization and higher efficiency.

Features
• 650 V @TJ = 150°C
• Max. RDS(on) = 380 mΩ
• Ultra Low Gate Charge ( Typ. Qg = 34 nC)
• Low Effective Output Capacitance ( Typ. Coss.eff = 97 pF)
• 100% Avalanche Tested

Applications
• LCD / LED / PDP TV Lighting
• Solar Inverter
• AC-DC Power Supply




Similar Part No. - FCPF20N60S

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCPF20N60S FAIRCHILD-FCPF20N60S Datasheet
682Kb / 15P
   Power Factor Correction Converter Design
FCPF20N60S FAIRCHILD-FCPF20N60S Datasheet
620Kb / 17P
   PFCPWM Combination Controller
More results


Similar Description - FCPF20N60S

ManufacturerPart #DatasheetDescription
logo
Lite-On Technology Corp...
PCN-20180087 LITEON-PCN-20180087 Datasheet
709Kb / 14P
   Process Change Notification
Apr 1 , 2019
logo
STMicroelectronics
145 STMICROELECTRONICS-145 Datasheet
432Kb / 12P
   PRODUCT/PROCESS CHANGE NOTIFICATION
logo
ON Semiconductor
SMQA2000T1G ONSEMI-SMQA2000T1G Datasheet
104Kb / 15P
   FINAL PRODUCT/PROCESS CHANGE NOTIFICATION
Rev.14 Jun 2007
logo
Aavid, Thermal Division...
371924B00032G AAVID-371924B00032G Datasheet
39Kb / 2P
   Product Change Notification
374324B00032 AAVID-374324B00032 Datasheet
55Kb / 2P
   Product Change Notification
4804_REV_D-G AAVID-4804_REV_D-G Datasheet
55Kb / 2P
   Product Change Notification
4880SG AAVID-4880SG Datasheet
38Kb / 2P
   Product Change Notification
7717-15NG AAVID-7717-15NG Datasheet
55Kb / 2P
   Product Change Notification
7717-18DAPG AAVID-7717-18DAPG Datasheet
55Kb / 2P
   Product Change Notification
7717-18NG AAVID-7717-18NG Datasheet
55Kb / 2P
   Product Change Notification
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com