Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA440A Datasheet (PDF) - Socay Electornics Co., Ltd.

P4SMA440A Datasheet PDF - Socay Electornics Co., Ltd.
Part # P4SMA440A
Download  P4SMA440A Download

File Size   580.7 Kbytes
Page   6 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Surface Mount Transient Voltage Suppressors

P4SMA440A Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA440A Datasheet PDF - Socay Electornics Co., Ltd.

Part # P4SMA440A
Download  P4SMA440A Click to download

File Size   580.7 Kbytes
Page   6 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Surface Mount Transient Voltage Suppressors

P4SMA440A Datasheet (HTML) - Socay Electornics Co., Ltd.

P4SMA440A Datasheet HTML 1Page - Socay Electornics Co., Ltd. P4SMA440A Datasheet HTML 2Page - Socay Electornics Co., Ltd. P4SMA440A Datasheet HTML 3Page - Socay Electornics Co., Ltd. P4SMA440A Datasheet HTML 4Page - Socay Electornics Co., Ltd. P4SMA440A Datasheet HTML 5Page - Socay Electornics Co., Ltd. P4SMA440A Datasheet HTML 6Page - Socay Electornics Co., Ltd.

P4SMA440A Product details

Description
The P4SMA series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.

Features
♦ For surface mounted applications in order to optimize board space
♦ Low leakage
♦ Uni and Bidirectional unit
♦ Glass passivated junction
♦ Low inductance
♦ Excellent clamping capability
♦ 400W Peak power capability at 10 × 1000µs waveform Repetition rate (duty cycle):0.01%
♦ Fast response time: typically less than 1.0ps from 0 Volts to VBR min
♦ Typical IR less than 5μA above 12V.
♦ High Temperature soldering: 260°C/40 seconds at terminals
♦ Typical maximum temperature coefficient ΔVBR = 0.1% × VBR@25°C× ΔT
♦ Plastic package has Underwriters Laboratory Flammability 94V-0
♦ Matte tin lead–free Plated
♦ Halogen free and RoHS compliant
♦ Typical failure mode is short from over-specified voltage or current
♦ Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c
♦ IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
♦ ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2)
♦ EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4)

Applications
   TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in Telecom, Computer, Industrial and Consumer electronic applications.




Similar Part No. - P4SMA440A

ManufacturerPart #DatasheetDescription
logo
Littelfuse
P4SMA440A LITTELFUSE-P4SMA440A Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
DONGGUAN YOU FENG WEI E...
P4SMA440A YFWDIODE-P4SMA440A Datasheet
510Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Vishay Siliconix
P4SMA440A VISHAY-P4SMA440A Datasheet
94Kb / 6P
   Surface Mount TRANSZORB® Transient Voltage Suppressors
Revision: 13-Dec-12
logo
Diotec Semiconductor
P4SMA440A DIOTEC-P4SMA440A Datasheet
158Kb / 3P
   SMD Transient Voltage Suppressor Diodes
P4SMA440A DIOTEC-P4SMA440A Datasheet
135Kb / 3P
   Surface mount unidirectional and bidirectional Transient Voltage Suppressor Diodes
More results


Similar Description - P4SMA440A

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMAJ5.0 CYSTEKEC-SMAJ5.0 Datasheet
1Mb / 9P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com