Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WPA60R48D0515 Datasheet (PDF) - C&D Technologies

WPA60R48D0515 Datasheet PDF - C&D Technologies
Part # WPA60R48D0515
Download  WPA60R48D0515 Download

File Size   179.45 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER

WPA60R48D0515 Datasheet (PDF)

Go To PDF Page Download Datasheet
WPA60R48D0515 Datasheet PDF - C&D Technologies

Part # WPA60R48D0515
Download  WPA60R48D0515 Click to download

File Size   179.45 Kbytes
Page   4 Pages
Manufacturer  CANDD [C&D Technologies]
Direct Link  http://www.cdpowerelectronics.com
Logo CANDD - C&D Technologies
Description 60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER

WPA60R48D0515 Datasheet (HTML) - C&D Technologies

WPA60R48D0515 Datasheet HTML 1Page - C&D Technologies WPA60R48D0515 Datasheet HTML 2Page - C&D Technologies WPA60R48D0515 Datasheet HTML 3Page - C&D Technologies WPA60R48D0515 Datasheet HTML 4Page - C&D Technologies

WPA60R48D0515 Product details

The WPA60 Series are high performance DC/DC converters providing two independent regulated outputs. For maximum flexibility, power can be traded between outputs as required. The unit delivers high performance across all line and load conditions.
The WPA60 Series are assembled by a fully automated process using surface mount components for increased reliability.
WPA DC-DC converter modules are certified to UL/CUL 60950, and VDE to EN60950. It meets CISPR22/EN55022/FCC15J Class B specs for EMI levels with external filtering.
Other features include:

● Full Regulation Down to Zero Load
● Undervoltage Lock-Out
● Auto-Start
● Internal Temperature Shutdown
● Auto-Reset
● Soft Start
● Remote On/Off (Available in Positive or Negative Logic)
● Over Current Protection
● Overvoltage Protection
● Output Voltage Adjust on Both Outputs

● 2.3” x 1.45” x 0.40” (58.42mm x 36.83mm x 10.16mm)
● Dual Outputs - Output 1/Output 2 Vdc:
   1.0/1.5 1.2/1.8;1.5/2.2; 1.8/2.5;
   1.2/3.3; 1.8/3.3; 2.5/3.3; 1.5/5.0;
   3.3/5.0
● Independently Regulated Outputs
● 36V - 75V Input Range
● Industry Standard Pinouts
● Input & Output Filtering
● Remote On/Off Function
● Meets Operational Insulation
   Requirements of EN60950
● UL/CUL 60950, VDE EN60950
   Approved
● Fixed Frequency Operation
● No Minimum Load Requirements
● Hiccup Mode Current Limiting
● Self-resetting Over Voltage Protection
● C&D Technologies, Power Electronics
   Division is ISO9001:2000 Certified




Similar Part No. - WPA60R48D0515

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
WPA60R48D0515C MURATA-PS-WPA60R48D0515C Datasheet
2Mb / 31P
   60 Watt Dual Output Quarter Brick DC/DC Converter
More results


Similar Description - WPA60R48D0515

ManufacturerPart #DatasheetDescription
logo
C&D Technologies
VSX60XD35 CANDD-VSX60XD35 Datasheet
158Kb / 4P
   60 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Murata Power Solutions ...
WPA60R48DC MURATA-PS-WPA60R48DC Datasheet
2Mb / 31P
   60 Watt Dual Output Quarter Brick DC/DC Converter
VSX40MD23C MURATA-PS-VSX40MD23C Datasheet
129Kb / 4P
   40 Watt Dual Output Quarter Brick DC/DC Converter
VSX75MD35C MURATA-PS-VSX75MD35C Datasheet
262Kb / 6P
   75 Watt Dual Output Quarter Brick DC/DC Converter
logo
C&D Technologies
VSX50MD23 CANDD-VSX50MD23 Datasheet
682Kb / 5P
   50 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX40MD23 CANDD-VSX40MD23 Datasheet
153Kb / 4P
   40 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
VSX75MD35 CANDD-VSX75MD35 Datasheet
658Kb / 5P
   75 WATT DUAL OUTPUT QUARTER BRICK DC/DC CONVERTER
logo
Artesyn Technologies
ADQ500-48S12-6L ARTESYN-ADQ500-48S12-6L Datasheet
606Kb / 3P
   500 Watt Quarter Brick DC-DC Converter
AVQ200-36S12-6L ARTESYN-AVQ200-36S12-6L Datasheet
504Kb / 3P
   200 Watt Quarter Brick DC-DC Converter
logo
C&D Technologies
IHB60S CANDD-IHB60S Datasheet
267Kb / 4P
   60 WATT SINGLE OUTPUT HALF BRICK DC/DC CONVERTER
More results




About C&D Technologies


C&D Technologies, Inc. is a company that specializes in the design, manufacture, and marketing of electrical power storage and conversion systems. The company was founded in 1906 and is based in Pennsylvania, USA.

C&D Technologies offers a wide range of products, including batteries, chargers, inverters, and power supplies, which are used in a variety of industries, including telecommunications, energy storage, and transportation. The company's batteries are used in a variety of applications, including backup power systems for critical facilities, renewable energy systems, and uninterruptible power supplies (UPS).

In addition to its products, C&D Technologies also offers a range of services, including installation, commissioning, and maintenance of its power storage and conversion systems. The company is committed to providing high-quality and reliable products and services to its customers and has a strong focus on innovation and sustainability.

C&D Technologies has operations in North America, Europe, and Asia, and serves customers in more than 100 countries around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com