Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6314 Datasheet (PDF) - Compensated Deuices Incorporated

1N6314 Datasheet PDF - Compensated Deuices Incorporated
Part # 1N6314
Download  1N6314 Download

File Size   111.53 Kbytes
Page   2 Pages
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated
Description 500 mW ZENER DIODES

1N6314 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6314 Datasheet PDF - Compensated Deuices Incorporated

Part # 1N6314
Download  1N6314 Click to download

File Size   111.53 Kbytes
Page   2 Pages
Manufacturer  CDI-DIODE [Compensated Deuices Incorporated]
Direct Link  
Logo CDI-DIODE - Compensated Deuices Incorporated
Description 500 mW ZENER DIODES

1N6314 Datasheet (HTML) - Compensated Deuices Incorporated

1N6314 Datasheet HTML 1Page - Compensated Deuices Incorporated 1N6314 Datasheet HTML 2Page - Compensated Deuices Incorporated

1N6314 Product details

• AVAILABLE IN JAN, JANTX, JANTXV, AND JANS PER MIL-PRF-19500/533

• 500 mW ZENER DIODES

• NON CAVITY CONSTRUCTION

• METALLURGICALLY BONDED



MAXIMUM RATINGS

 Operating Temperature: -65°C to +175°C

 Storage Temperature: -65°C to +175°C

 Power Dissapation: 500 mW @ TL=+75°C @ L=3/8”

 Power Derating: 5mW/°C above TL=+75°C

 Forward Voltage: 1.4V dc @ IF=1A dc (Pulsed)



 




Similar Part No. - 1N6314

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6314 MICROSEMI-1N6314 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N6314 MICROSEMI-1N6314 Datasheet
132Kb / 2P
   500mW ZENER DIODES
logo
Sensitron
1N6314 SENSITRON-1N6314 Datasheet
127Kb / 4P
   ZENER 500mW VOLTAGE REGULATOR
logo
New Jersey Semi-Conduct...
1N6314 NJSEMI-1N6314 Datasheet
142Kb / 1P
   500 mW ZENER DIODES, NON CAVITY CONSTRUCTION, METALLURGICALLY BONDED
logo
Digitron Semiconductors
1N6314 DIGITRON-1N6314 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
More results


Similar Description - 1N6314

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N6309US CDI-DIODE-1N6309US Datasheet
108Kb / 2P
   500 mW ZENER DIODES
logo
Microsemi Corporation
1N957B-1 MICROSEMI-1N957B-1 Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
1N992B MICROSEMI-1N992B Datasheet
221Kb / 3P
   Silicon 500 mW Zener Diodes
1N5221-1 MICROSEMI-1N5221-1 Datasheet
102Kb / 3P
   SILICON 500 mW ZENER DIODES
logo
Digitron Semiconductors
1N6309 DIGITRON-1N6309 Datasheet
268Kb / 3P
   500 mW GLASS ZENER DIODES
logo
Microsemi Corporation
1N6309 MICROSEMI-1N6309 Datasheet
96Kb / 2P
   500 mW GLASS ZENER DIODES
1N4370 MICROSEMI-1N4370 Datasheet
70Kb / 2P
   SILICON 500 mW ZENER DIODES
1N5221 MICROSEMI-1N5221 Datasheet
100Kb / 3P
   SILICON 500 mW ZENER DIODES
1N5985 MICROSEMI-1N5985 Datasheet
110Kb / 3P
   SILICON 500 mW ZENER DIODES
1N746 MICROSEMI-1N746 Datasheet
217Kb / 3P
   Silicon 500 mW Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com