Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AT49F8192A-70RI Datasheet (PDF) - ATMEL Corporation

AT49F8192A-70RI Datasheet PDF - ATMEL Corporation
Part # AT49F8192A-70RI
Download  AT49F8192A-70RI Download

File Size   344.92 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-megabit (1M x 8/512K x 16) Flash Memory

AT49F8192A-70RI Datasheet (PDF)

Go To PDF Page Download Datasheet
AT49F8192A-70RI Datasheet PDF - ATMEL Corporation

Part # AT49F8192A-70RI
Download  AT49F8192A-70RI Click to download

File Size   344.92 Kbytes
Page   17 Pages
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation
Description 8-megabit (1M x 8/512K x 16) Flash Memory

AT49F8192A-70RI Datasheet (HTML) - ATMEL Corporation

Back Button AT49F8192A-70RI Datasheet HTML 1Page - ATMEL Corporation AT49F8192A-70RI Datasheet HTML 2Page - ATMEL Corporation AT49F8192A-70RI Datasheet HTML 3Page - ATMEL Corporation AT49F8192A-70RI Datasheet HTML 4Page - ATMEL Corporation AT49F8192A-70RI Datasheet HTML 5Page - ATMEL Corporation AT49F8192A-70RI Datasheet HTML 6Page - ATMEL Corporation AT49F8192A-70RI Datasheet HTML 7Page - ATMEL Corporation AT49F8192A-70RI Datasheet HTML 8Page - ATMEL Corporation AT49F8192A-70RI Datasheet HTML 9Page - ATMEL Corporation AT49F8192A-70RI Datasheet HTML 10Page - ATMEL Corporation Next Button 

AT49F8192A-70RI Product details

Description
The AT49F008A(T) and AT49F8192A(T) are 5-volt, 8-megabit Flash memories organized as 1,048,576 words of 8 bits each or 512K words of 16 bits each. Manufactured with Atmel’s advanced nonvolatile CMOS technology, the devices offer access times to 70 ns with power dissipation of just 275 mW. When deselected, the CMOS standby current is less than 300 µA.
   
Features
• Single Voltage Operation
    – 5V Read
    – 5V Programming
• Fast Read Access Time - 70 ns
• Internal Erase/Program Control
• Sector Architecture
    – One 8K Words (16K bytes) Boot Block with Programming Lockout
    – Two 4K Words (8K bytes) Parameter Blocks
    – One 496K Words (992K bytes) Main Memory Array Block
• Fast Sector Erase Time - 10 seconds
• Byte-by-byte or Word-by-word Programming - 10 µs Typical
• Hardware Data Protection
• DATA Polling For End Of Program Detection
• Low Power Dissipation
    – 50 mA Active Current
    – 300 µA CMOS Standby Current
• Typical 10,000 Write Cycles
   




Similar Part No. - AT49F8192A-70RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F8192A-70TI ATMEL-AT49F8192A-70TI Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
More results


Similar Description - AT49F8192A-70RI

ManufacturerPart #DatasheetDescription
logo
ATMEL Corporation
AT49F008A ATMEL-AT49F008A Datasheet
170Kb / 18P
   8-megabit (1M x 8/512K x 16) Flash Memory
AT49BV008A ATMEL-AT49BV008A Datasheet
246Kb / 16P
   8-Megabit 1M x 8/ 512K x 16 CMOS Flash Memory
AT49BV8192A-11TI ATMEL-AT49BV8192A-11TI Datasheet
335Kb / 16P
   8-megabit (1M x 8/512K x 6) Flash memory
AT49F8011 ATMEL-AT49F8011 Datasheet
231Kb / 20P
   8-megabit (512K x 16/ 1M x 8) 5-volt Only Flash Memory
AT49BV802D ATMEL-AT49BV802D Datasheet
434Kb / 31P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8011 ATMEL-AT49BV8011 Datasheet
306Kb / 18P
   8-megabit (512K x 16/1M x 8) 3-volt Only Flash Memory
AT49BV802A ATMEL-AT49BV802A Datasheet
253Kb / 29P
   8-megabit (512K x 16/ 1M x 8) 3-volt Only Flash Memory
AT49BV8192 ATMEL-AT49BV8192 Datasheet
148Kb / 13P
   8-Megabit 512K x 16 CMOS Flash Memory
logo
Eon Silicon Solution In...
EN29LV800C EON-EN29LV800C Datasheet
1Mb / 40P
   8 Megabit (1024K x 8-bit / 512K x 16-bit) Flash Memory
logo
ATMEL Corporation
AT49BV040B ATMEL-AT49BV040B Datasheet
355Kb / 21P
   4-megabit (512K x 8) Flash Memory
More results




About ATMEL Corporation


Atmel Corporation was an American semiconductor company that was founded in 1984.
The company was a leading provider of microcontrollers, touch solutions, and other semiconductor products for various applications in the consumer, industrial, and automotive markets.
Atmel's products were known for their small form factor, low power consumption, and high performance.
In 2016, Atmel was acquired by Microchip Technology Inc., a leading provider of microcontroller and analog semiconductors.
The Atmel brand and technology continue to be developed and sold as part of Microchip's portfolio of products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com