Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

L9615 Datasheet (PDF) - STMicroelectronics

L9615 Datasheet PDF - STMicroelectronics
Part # L9615
Download  L9615 Download

File Size   132.3 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CAN BUS TRANSCEIVER

L9615 Datasheet (PDF)

Go To PDF Page Download Datasheet
L9615 Datasheet PDF - STMicroelectronics

Part # L9615
Download  L9615 Click to download

File Size   132.3 Kbytes
Page   8 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description CAN BUS TRANSCEIVER

L9615 Datasheet (HTML) - STMicroelectronics

L9615 Datasheet HTML 1Page - STMicroelectronics L9615 Datasheet HTML 2Page - STMicroelectronics L9615 Datasheet HTML 3Page - STMicroelectronics L9615 Datasheet HTML 4Page - STMicroelectronics L9615 Datasheet HTML 5Page - STMicroelectronics L9615 Datasheet HTML 6Page - STMicroelectronics L9615 Datasheet HTML 7Page - STMicroelectronics L9615 Datasheet HTML 8Page - STMicroelectronics

L9615 Product details

DESCRIPTION
The L9615 is a bidirectional transceiver for signal conditioning and processing in connection with a CAN controller. Data rates of up to 500KBAUD are supported using either shielded or nonshielded pair of lines.

■ L9615 MEETS ISO/DIS 11898 UP TO 500KBAUD
■ TRANSMITTER
    - GENERATION OF DIFFERENTIAL OUTPUT SIGNALS
    - SHORT CIRCUIT PROTECTED FROM -5V TO 36V, DETECTION & SHUTDOWN
    - SLOPE CONTROL TO REDUCE RFI AND EMI
    - TWO STATES ADJUSTABLE SLOPE CONTROL (≤500KBAUD/≤125KBAUD)
■ RECEIVER
    - DIFFERENZIAL INPUT WITH HIGH INTERFERENCE SUPPRESSION
    - COMMON MODE INPUT VOLTAGE RANGE (VCOM) FROM -2V TO VS+3V
■ PACKAGE: SO 8




Similar Part No. - L9615

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9615 STMICROELECTRONICS-L9615 Datasheet
137Kb / 8P
   CAN BUS TRANSCEIVER
L9615D STMICROELECTRONICS-L9615D Datasheet
137Kb / 8P
   CAN BUS TRANSCEIVER
More results


Similar Description - L9615

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L9615 STMICROELECTRONICS-L9615 Datasheet
137Kb / 8P
   CAN BUS TRANSCEIVER
L9616 STMICROELECTRONICS-L9616 Datasheet
112Kb / 8P
   HIGH SPEED CAN BUS TRANSCEIVER
L9616-TR STMICROELECTRONICS-L9616-TR Datasheet
101Kb / 8P
   HIGH SPEED CAN BUS TRANSCEIVER
September 2013
logo
Wall Industries,Inc.
RBCAN01 WALL-RBCAN01 Datasheet
425Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCAND21 WALL-RBCAND21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
RBCANH21 WALL-RBCANH21 Datasheet
469Kb / 5P
   CAN Isolation Transceiver Module Industrial Bus
logo
Texas Instruments
SN65HVDA1040B-Q1 TI1-SN65HVDA1040B-Q1 Datasheet
1Mb / 30P
[Old version datasheet]   EMC-Optimized High-Speed CAN Bus Transceiver
logo
Infineon Technologies A...
TLE7251V INFINEON-TLE7251V_15 Datasheet
2Mb / 36P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2015-09-10
logo
Texas Instruments
SN65HVD1040-HT TI1-SN65HVD1040-HT Datasheet
454Kb / 26P
[Old version datasheet]   LOW-POWER CAN TRANSCEIVER WITH BUS WAKE-UP
logo
Infineon Technologies A...
TLE6251D INFINEON-TLE6251D_12 Datasheet
1Mb / 27P
   High Speed CAN-Transceiver with Bus Wake-up
Rev. 1.0, 2012-07-27
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com