Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AFB0524MB Datasheet (PDF) - Delta Electronics, Inc.

AFB0524MB Datasheet PDF - Delta Electronics, Inc.
Part # AFB0524MB
Download  AFB0524MB Download

File Size   358.63 Kbytes
Page   2 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 50 x 50 x 15 MM SERIES

AFB0524MB Datasheet (PDF)

Go To PDF Page Download Datasheet
AFB0524MB Datasheet PDF - Delta Electronics, Inc.

Part # AFB0524MB
Download  AFB0524MB Click to download

File Size   358.63 Kbytes
Page   2 Pages
Manufacturer  DELTA [Delta Electronics, Inc.]
Direct Link  http://www.deltaww.com
Logo DELTA - Delta Electronics, Inc.
Description 50 x 50 x 15 MM SERIES

AFB0524MB Datasheet (HTML) - Delta Electronics, Inc.

AFB0524MB Datasheet HTML 1Page - Delta Electronics, Inc. AFB0524MB Datasheet HTML 2Page - Delta Electronics, Inc.



Similar Part No. - AFB0524MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFB0524MD ETC2-AFB0524MD Datasheet
169Kb / 1P
   50 x 50 x 20 MM SERIES
More results


Similar Description - AFB0524MB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AFB0512VHD ETC2-AFB0512VHD Datasheet
169Kb / 1P
   50 x 50 x 20 MM SERIES
logo
Schneider Electric
XUZC50 SCHNEIDER-XUZC50 Datasheet
121Kb / 2P
   Sensors, reflector, 50 x 50 mm
Aug 11, 2019
logo
Transko Electronics, In...
OCXO-1446 TRANSKO-OCXO-1446 Datasheet
350Kb / 1P
   OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: May. 2015
OX-D TRANSKO-OX-D Datasheet
381Kb / 2P
   OCXO 50 X 50 X 19mm PACKAGE
Rev. 2: Mar. 2015
logo
Schurter Inc.
MAT SCHURTER-MAT Datasheet
155Kb / 3P
   Special Fuse, 14 x 50 mm
logo
List of Unclassifed Man...
AFB0812SHB ETC2-AFB0812SHB Datasheet
238Kb / 1P
   80 x 80 x 15 MM SERIES
logo
Schurter Inc.
70208010 SCHURTER-70208010 Datasheet
131Kb / 3P
   Special Fuse, 14 x 50 mm
logo
Advanced XTAL Products
AXRB1031 AXTAL-AXRB1031 Datasheet
180Kb / 3P
   Miniature Rubidium Oscillator in 50 x 50 mm Package
logo
Schneider Electric
ZBY6H101 SCHNEIDER-ZBY6H101 Datasheet
114Kb / 2P
   legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
ZBY6H102 SCHNEIDER-ZBY6H102 Datasheet
110Kb / 2P
   legend holder 30 x 50 mm with legend 18 x 27 mm unmarked
More results




About Delta Electronics, Inc.


Delta Electronics, Inc. is a Taiwanese multinational electronics company that was founded in 1971.
The company specializes in power electronics and energy management solutions, including uninterruptible power supplies (UPS), voltage regulators, power inverters, DC brushless fans, and renewable energy solutions such as solar inverters.
Delta Electronics operates globally with a strong presence in Asia, Europe, and North America.
The company provides solutions for various industries including telecommunications, data centers, building automation, and renewable energy.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com