Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TIP145 Datasheet (PDF) - Motorola, Inc

TIP145 Datasheet PDF - Motorola, Inc
Part # TIP145
Download  TIP145 Download

File Size   234.87 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

TIP145 Datasheet (PDF)

Go To PDF Page Download Datasheet
TIP145 Datasheet PDF - Motorola, Inc

Part # TIP145
Download  TIP145 Click to download

File Size   234.87 Kbytes
Page   6 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 10 AMPERE DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS

TIP145 Datasheet (HTML) - Motorola, Inc

TIP145 Datasheet HTML 1Page - Motorola, Inc TIP145 Datasheet HTML 2Page - Motorola, Inc TIP145 Datasheet HTML 3Page - Motorola, Inc TIP145 Datasheet HTML 4Page - Motorola, Inc TIP145 Datasheet HTML 5Page - Motorola, Inc TIP145 Datasheet HTML 6Page - Motorola, Inc

TIP145 Product details

TIP140,TIP141,TIP142 -->NPN
TIP145,TIP146,TIP147 ---> PNP

. . . designed for general–purpose amplifier and low frequency switching applications.

• High DC Current Gain — Min hFE = 1000 @ IC = 5 A, VCE = 4 V
• Collector–Emitter Sustaining Voltage — @ 30 mA
   VCEO(sus) = 60 Vdc (Min) — TIP140, TIP145
   VCEO(sus) = 80 Vdc (Min) — TIP141, TIP146
   VCEO(sus) = 100 Vdc (Min) — TIP142, TIP147
• Monolithic Construction with Built–In Base–Emitter Shunt Resistor




Similar Part No. - TIP145

ManufacturerPart #DatasheetDescription
logo
Mospec Semiconductor
TIP145 MOSPEC-TIP145 Datasheet
204Kb / 4P
   POWER TRANSISTORS(10A,60-100V,125W)
logo
Comset Semiconductor
TIP145 COMSET-TIP145 Datasheet
74Kb / 3P
   NPN SILICON DARLINGTONS, SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP145 ONSEMI-TIP145 Datasheet
217Kb / 6P
   DARLINGTON COMPLEMENTARY SILICON POWER TRANSISTORS
1996 REV 1
logo
Fairchild Semiconductor
TIP145 FAIRCHILD-TIP145 Datasheet
175Kb / 5P
   PNP Epitaxial Silicon Darlington Transistor
logo
Power Innovations Ltd
TIP145 POINN-TIP145 Datasheet
114Kb / 6P
   PNP SILICON POWER DARLINGTONS
More results


Similar Description - TIP145

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MJ2501 ETC1-MJ2501 Datasheet
485Kb / 4P
   10 Ampere Darlington Power Transistors Complementary Silicon
logo
Motorola, Inc
TIP100 MOTOROLA-TIP100 Datasheet
218Kb / 6P
   DARLINGTON 8 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP120 MOTOROLA-TIP120 Datasheet
251Kb / 6P
   DARLINGTON 5 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
TIP110 MOTOROLA-TIP110 Datasheet
269Kb / 6P
   DARLINGTON 2 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
BD311 MOTOROLA-BD311 Datasheet
103Kb / 3P
   10 AMPERE COMPLEMENTARY SILICON POWER TRANSISTORS
MJ2500 MOTOROLA-MJ2500 Datasheet
132Kb / 4P
   10 AMPERE DARLINGTON POWER TRANSISTORS COMPLEMENTARY SILICON 60.80 VOLTS 150 WATTS
MJ3040 MOTOROLA-MJ3040 Datasheet
78Kb / 2P
   DARLINGTON 10 AMPERE POWER TRANSISTORS NPN SILICON
logo
New Jersey Semi-Conduct...
MJ10013 NJSEMI-MJ10013 Datasheet
135Kb / 2P
   10 AMPERE POWER DARLINGTON TRANSISTORS
MJ10006 NJSEMI-MJ10006 Datasheet
138Kb / 2P
   10 AMPERE POWER DARLINGTON TRANSISTORS
logo
STMicroelectronics
MJ2501 STMICROELECTRONICS-MJ2501 Datasheet
70Kb / 4P
   COMPLEMENTARY SILICON POWER DARLINGTON TRANSISTORS
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com