Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ45A Datasheet (PDF) - Digitron Semiconductors

SMBJ45A Datasheet PDF - Digitron Semiconductors
Part # SMBJ45A
Download  SMBJ45A Download

File Size   188.26 Kbytes
Page   4 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description SURFACE MOUNT 600W TVS

SMBJ45A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ45A Datasheet PDF - Digitron Semiconductors

Part # SMBJ45A
Download  SMBJ45A Click to download

File Size   188.26 Kbytes
Page   4 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description SURFACE MOUNT 600W TVS

SMBJ45A Datasheet (HTML) - Digitron Semiconductors

SMBJ45A Datasheet HTML 1Page - Digitron Semiconductors SMBJ45A Datasheet HTML 2Page - Digitron Semiconductors SMBJ45A Datasheet HTML 3Page - Digitron Semiconductors SMBJ45A Datasheet HTML 4Page - Digitron Semiconductors

SMBJ45A Product details

SURFACE MOUNT 600W TVS




Similar Part No. - SMBJ45A

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
SMBJ45A JGD-SMBJ45A Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Socay Electornics Co., ...
SMBJ45A SOCAY-SMBJ45A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
SMBJ45A LITTELFUSE-SMBJ45A Datasheet
144Kb / 5P
   Transient Voltage Suppression Diodes
logo
StarHope
SMBJ45A SPSEMI-SMBJ45A Datasheet
147Kb / 5P
   Surface Mount Transient Voltage Suppressor Stand-Off Voltage - 5.0 to 440 Volts 600 Watt Peak Pulse Power
logo
SAMYANG ELECTRONICS CO....
SMBJ45A SAMYANG-SMBJ45A Datasheet
1Mb / 4P
   SAMYANG ELECTRONICS
More results


Similar Description - SMBJ45A

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMBJ SECOS-SMBJ Datasheet
422Kb / 4P
   600W Peak Power Surface Mount TVS
SMBJ SECOS-SMBJ_15 Datasheet
79Kb / 4P
   600W Peak Power Surface Mount TVS
SMA6J SECOS-SMA6J Datasheet
315Kb / 4P
   5V ~ 85V, 600W Peak Power Surface Mount TVS
logo
UN Semiconducctor INC
SMBJ UNSEMI-SMBJ Datasheet
4Mb / 8P
   3.3 To 440V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
6.0SMAJ UNSEMI-6.0SMAJ Datasheet
3Mb / 6P
   5.0 To 200V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
P6SMB UNSEMI-P6SMB Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
logo
Shindengen Electric Mfg...
ST06-39CE SHINDENGEN-ST06-39CE Datasheet
1Mb / 6P
   TVS 11A, 600W
ST06-27CE SHINDENGEN-ST06-27CE Datasheet
1Mb / 6P
   TVS 17.3A, 600W
ST06-30CE SHINDENGEN-ST06-30CE Datasheet
1Mb / 6P
   TVS 15A, 600W
ST06-33CE SHINDENGEN-ST06-33CE Datasheet
1Mb / 6P
   TVS 14A, 600W
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com