Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4005G Datasheet (PDF) - Shanghai Lunsure Electronic Tech

1N4005G Datasheet PDF - Shanghai Lunsure Electronic Tech
Part # 1N4005G
Download  1N4005G Download

File Size   140.11 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER

1N4005G Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4005G Datasheet PDF - Shanghai Lunsure Electronic Tech

Part # 1N4005G
Download  1N4005G Click to download

File Size   140.11 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER

1N4005G Datasheet (HTML) - Shanghai Lunsure Electronic Tech

1N4005G Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech 1N4005G Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech

1N4005G Product details

Reverse Voltage - 50 to 1300 Volts
Forward Current - 1.0Amperes

FEATURES
• The plastic package carries Underwrites Laboratory
   Flammability Classification 94V-0
• High current capability
• Low reverse leakage
• Glass passivated junction
• Low forward voltage drop
• High temperature soldering guaranteed: 250°C/10 seconds,
   0.375"(9.5mm)lead length,5lbs.(2.3kg) tension




Similar Part No. - 1N4005G

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4005G PHILIPS-1N4005G Datasheet
40Kb / 5P
   Rectifiers(Rugged glass package, using a high temperature alloyed construction)
1996 May 24
logo
Microdiode Electronics ...
1N4005G CHENDA-1N4005G Datasheet
735Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Gulf Semiconductor
1N4005G GULFSEMI-1N4005G Datasheet
89Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERVOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
List of Unclassifed Man...
1N4005G ETC-1N4005G Datasheet
143Kb / 2P
   GLASS PASSIVATED RECTIFIER
logo
Leshan Radio Company
1N4005G LRC-1N4005G Datasheet
186Kb / 7P
   General Purpose Plastic Rectifiers Reverse Voltage 50 to 1200V Forward Current 1.0A
More results


Similar Description - 1N4005G

ManufacturerPart #DatasheetDescription
logo
Transys Electronics
TE150 TRSYS-TE150 Datasheet
105Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
TE600A TRSYS-TE600A Datasheet
160Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
1N539XGP VISHAY-1N539XGP Datasheet
77Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 13-Jun-16
logo
Pan Jit International I...
PG4001 PANJIT-PG4001_07 Datasheet
98Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
PG5391 PANJIT-PG5391_09 Datasheet
61Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER
logo
Vishay Siliconix
GP30A VISHAY-GP30A Datasheet
75Kb / 4P
   Glass Passivated Junction Plastic Rectifier
Revision: 15-Mar-11
1N4001GP VISHAY-1N4001GP_V01 Datasheet
84Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
1N4245GP VISHAY-1N4245GP_V01 Datasheet
79Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP10-4002 VISHAY-GP10-4002_V01 Datasheet
79Kb / 4P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
GP15A VISHAY-GP15A_V01 Datasheet
75Kb / 5P
   Glass Passivated Junction Plastic Rectifier
01-Jan-2022
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com