Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GBPC15005 Datasheet (PDF) - Shanghai Lunsure Electronic Tech

GBPC15005 Datasheet PDF - Shanghai Lunsure Electronic Tech
Part # GBPC15005
Download  GBPC15005 Download

File Size   157.17 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER

GBPC15005 Datasheet (PDF)

Go To PDF Page Download Datasheet
GBPC15005 Datasheet PDF - Shanghai Lunsure Electronic Tech

Part # GBPC15005
Download  GBPC15005 Click to download

File Size   157.17 Kbytes
Page   2 Pages
Manufacturer  CHENYI [Shanghai Lunsure Electronic Tech]
Direct Link  http://www.cnelectr.com
Logo CHENYI - Shanghai Lunsure Electronic Tech
Description SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER

GBPC15005 Datasheet (HTML) - Shanghai Lunsure Electronic Tech

GBPC15005 Datasheet HTML 1Page - Shanghai Lunsure Electronic Tech GBPC15005 Datasheet HTML 2Page - Shanghai Lunsure Electronic Tech

GBPC15005 Product details

Voltage: 50 TO 1000V CURRENT:15A

FEATURES
    Surge overload rating: 300A peak
    low profile design
    1/4" Universal faston terminal
    and 40ml lead--wire available




Similar Part No. - GBPC15005

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
GBPC15005 PANJIT-GBPC15005 Datasheet
39Kb / 2P
   HIGH CURRENT SILICON BRIDGE RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 15 Amperes)
logo
DIYI Electronic Technol...
GBPC15005 DYELEC-GBPC15005 Datasheet
2Mb / 2P
   SINGLE PHASE 15.0AMP GLASS PASSIVATED BRIDGE RECTIFIER
logo
Surge Components
GBPC15005 SURGE-GBPC15005 Datasheet
130Kb / 2P
   HIGH CURRENT 15,25,35,AMPS. SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIERS
logo
Kingtronics Internation...
GBPC15005 KINGTRONICS-GBPC15005 Datasheet
376Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER GLASS PASSIVATED BRIDGE RECTIFIERS REVERSE VOLTAGE 50 to 1000 Volts FORWARD CURRENT 15 Ampere
logo
Shanghai Sunrise Electr...
GBPC15005 SSE-GBPC15005 Datasheet
25Kb / 1P
   SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER
More results


Similar Description - GBPC15005

ManufacturerPart #DatasheetDescription
logo
Shanghai Lunsure Electr...
GBPC25005 CHENYI-GBPC25005 Datasheet
149Kb / 2P
   SINGLE PHASE SILICON PASSIVATED BRIDGE RECTIFIER
logo
Rectron Semiconductor
DB101 RECTRON-DB101 Datasheet
36Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS201 RECTRON-RS201_13 Datasheet
241Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RBU401M RECTRON-RBU401M_13 Datasheet
188Kb / 5P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
GeneSiC Semiconductor, ...
GBU15A GENESIC-GBU15A Datasheet
350Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
KBJ406G GENESIC-KBJ406G Datasheet
326Kb / 3P
   Single Phase Glass Passivated Silicon Bridge Rectifier
logo
Rectron Semiconductor
SLDB051S RECTRON-SLDB051S Datasheet
295Kb / 4P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
RS101 RECTRON-RS101_05 Datasheet
30Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
logo
SEMTECH ELECTRONICS LTD...
DF005 SEMTECH_ELEC-DF005 Datasheet
464Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
DB101 SEMTECH_ELEC-DB101 Datasheet
309Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SILICON BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com