Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N6070 Datasheet (PDF) - Digitron Semiconductors

1N6070 Datasheet PDF - Digitron Semiconductors
Part # 1N6070
Download  1N6070 Download

File Size   297.39 Kbytes
Page   4 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES

1N6070 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N6070 Datasheet PDF - Digitron Semiconductors

Part # 1N6070
Download  1N6070 Click to download

File Size   297.39 Kbytes
Page   4 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES

1N6070 Datasheet (HTML) - Digitron Semiconductors

1N6070 Datasheet HTML 1Page - Digitron Semiconductors 1N6070 Datasheet HTML 2Page - Digitron Semiconductors 1N6070 Datasheet HTML 3Page - Digitron Semiconductors 1N6070 Datasheet HTML 4Page - Digitron Semiconductors

1N6070 Product details

BIDIRECTIONAL TRANSIENT SUPPRESSOR DIODES

MAXIMUM RATINGS
   POWER DISSIPATION                                 1500 Watts @ 25°C
   tCLAMPING (0 VOLTS TO V(BR) MIN)         Less than 5 x 10-9 seconds
   OPERATING TEMPERATURE                     -65°C to +175°C
   STEADY STATE POWER DISSIPATION      1.0 Watts @ TL = 25°C, ⅜” from body
   REPETITION RATE (DUTY CYCLE)             .01%

Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
Available as “HR” (high reliability) screened per MIL-PRF-19500, JANTX level. Add “HR” suffix to base part number.




Similar Part No. - 1N6070

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N6070 MICROSEMI-1N6070 Datasheet
107Kb / 2P
   BIDIRECTIONAL TRANSIENT ABSORPTION ZENER
1N6070 MICROSEMI-1N6070 Datasheet
202Kb / 4P
   1500 WATT BIDIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Littelfuse
1N6070 LITTELFUSE-1N6070 Datasheet
197Kb / 4P
   Silicon Avalanche Diodes - 1500 Watt Metal Axial Leaded Transient Voltage Suppressors
logo
New Jersey Semi-Conduct...
1N6070 NJSEMI-1N6070 Datasheet
147Kb / 2P
   1500 WATTS PEAK POWER DISSIPATION
logo
Microsemi Corporation
1N6070A MICROSEMI-1N6070A Datasheet
107Kb / 2P
   BIDIRECTIONAL TRANSIENT ABSORPTION ZENER
More results


Similar Description - 1N6070

ManufacturerPart #DatasheetDescription
logo
Diotec Semiconductor
P6SMBJ65 DIOTEC-P6SMBJ65_14 Datasheet
130Kb / 4P
   bidirectional Transient Voltage Suppressor Diodes
P6SMB220 DIOTEC-P6SMB220_14 Datasheet
120Kb / 3P
   bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
P4SMA220 SEMIKRON-P4SMA220 Datasheet
373Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
TGL41-520C SEMIKRON-TGL41-520C Datasheet
427Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
TGL41-6.8 SEMIKRON-TGL41-6.8 Datasheet
249Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P6SMB400CA SEMIKRON-P6SMB400CA Datasheet
239Kb / 3P
   Unidirectional and Bidirectional Transient Voltage Suppressor diodes
logo
Diotec Semiconductor
P4KE6.8 DIOTEC-P4KE6.8_06 Datasheet
129Kb / 4P
   Unidirectional and bidirectional Transient Voltage Suppressor Diodes
logo
Semikron International
BZW04-5V8 SEMIKRON-BZW04-5V8 Datasheet
149Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
P4SMAJ6.5 SEMIKRON-P4SMAJ6.5 Datasheet
162Kb / 3P
   Unidirectional and bidirectional Transient Voltage Suppressor diodes
logo
New Jersey Semi-Conduct...
1N6058A NJSEMI-1N6058A Datasheet
85Kb / 1P
   BIDIRECTIONAL TRANSIENT SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com