Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5271 Datasheet (PDF) - Digitron Semiconductors

1N5271 Datasheet PDF - Digitron Semiconductors
Part # 1N5271
Download  1N5271 Download

File Size   128.89 Kbytes
Page   2 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description SILICON ZENER DIODES

1N5271 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5271 Datasheet PDF - Digitron Semiconductors

Part # 1N5271
Download  1N5271 Click to download

File Size   128.89 Kbytes
Page   2 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description SILICON ZENER DIODES

1N5271 Datasheet (HTML) - Digitron Semiconductors

1N5271 Datasheet HTML 1Page - Digitron Semiconductors 1N5271 Datasheet HTML 2Page - Digitron Semiconductors

1N5271 Product details

• Available Non-RoHS (standard) or RoHS compliant (add PBF suffix).
• Available as “HR” (high reliability) screened per MIL-PRF-19500,
   JANTX level. Add “HR” suffix to base part number.
• Part numbers listed indicate a tolerance of ±20% with
   guaranteed limits on only, VZ, IR and VF.
• Devices with guaranteed limits on all six parameters are indicated by
   suffix A for ±10% tolerance, suffix B for a ±5% tolerance, suffix C for a 2%
   tolerance and suffix D for a 1% tolerance.




Similar Part No. - 1N5271

ManufacturerPart #DatasheetDescription
logo
Seme LAB
1N5271 SEME-LAB-1N5271 Datasheet
15Kb / 2P
   ZENER VOLTAGE REGULATOR DIODE IN HERMETIC CERAMIC SURFACE MOUNT PACKAGE FOR HIGH RELIABILITY APPLICATIONS
logo
New Jersey Semi-Conduct...
1N5271 NJSEMI-1N5271 Datasheet
89Kb / 1P
   SILICON 500mW ZENER DIODES
logo
Semtech Corporation
1N5271 SEMTECH-1N5271 Datasheet
296Kb / 3P
   SILICON PLANAR ZENER DIODES
logo
Microsemi Corporation
1N5271 MICROSEMI-1N5271 Datasheet
199Kb / 3P
   500 mW GLASS AXIAL-LEAD ZENER DIODES
logo
Shanghai Lunsure Electr...
1N5271 CHENYI-1N5271 Datasheet
66Kb / 4P
   0.5W SILICON PLANAR ZENER DIODES
More results


Similar Description - 1N5271

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
BZX55C2V4 EIC-BZX55C2V4 Datasheet
28Kb / 2P
   SILICON ZENER DIODES
logo
Central Semiconductor C...
CMPZDC2V4 CENTRAL-CMPZDC2V4_15 Datasheet
395Kb / 2P
   SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
2EZ100D10 EIC-2EZ100D10_07 Datasheet
96Kb / 3P
   SILICON ZENER DIODES
logo
Pan Jit International I...
1SMB3EZ6.8 PANJIT-1SMB3EZ6.8 Datasheet
305Kb / 4P
   SILICON ZENER DIODES
logo
Semikron International
Z3SMC1 SEMIKRON-Z3SMC1_07 Datasheet
57Kb / 3P
   Zener silicon diodes
SZ3C1 SEMIKRON-SZ3C1_07 Datasheet
54Kb / 3P
   Zener silicon diodes
logo
EIC discrete Semiconduc...
2EZ2.7D10 EIC-2EZ2.7D10 Datasheet
53Kb / 3P
   SILICON ZENER DIODES
3EZ3.9D10 EIC-3EZ3.9D10 Datasheet
41Kb / 3P
   SILICON ZENER DIODES
Z043B EIC-Z043B Datasheet
111Kb / 2P
   SILICON ZENER DIODES
logo
Semikron International
3EZ1 SEMIKRON-3EZ1 Datasheet
42Kb / 1P
   Zener silicon diodes
logo
Continental Device Indi...
CLL957A CDIL-CLL957A Datasheet
287Kb / 3P
   SILICON ZENER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com