Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N4246 Datasheet (PDF) - Digitron Semiconductors

1N4246 Datasheet PDF - Digitron Semiconductors
Part # 1N4246
Download  1N4246 Download

File Size   76.75 Kbytes
Page   2 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description RECTIFIERS

1N4246 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N4246 Datasheet PDF - Digitron Semiconductors

Part # 1N4246
Download  1N4246 Click to download

File Size   76.75 Kbytes
Page   2 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description RECTIFIERS

1N4246 Datasheet (HTML) - Digitron Semiconductors

1N4246 Datasheet HTML 1Page - Digitron Semiconductors 1N4246 Datasheet HTML 2Page - Digitron Semiconductors

1N4246 Product details

MAXIMUM RATINGS
   Operating Temperature -65° to +175°C
   Storage Temperature -65° to +200°C
   Power Dissipation 1 Amp/ no heat sink @ +55°C

MECHANICAL CHARACTERISTICS
   Case: Hermetically sealed glass
   Polarity: Cathode Band
   Marking: Body-Painted, Alpha-Numeric




Similar Part No. - 1N4246

ManufacturerPart #DatasheetDescription
logo
Powerex Power Semicondu...
1N4246 POWEREX-1N4246 Datasheet
99Kb / 2P
   Passivated Rectifier
logo
General Semiconductor
1N4246 GE-1N4246 Datasheet
51Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIER
logo
Microsemi Corporation
1N4246 MICROSEMI-1N4246 Datasheet
41Kb / 2P
   MILITARY RECTIFIERS
logo
List of Unclassifed Man...
1N4246 ETC1-1N4246 Datasheet
48Kb / 1P
   SCHOTTKY RECTIERS SILICON RECTIFIER DIODES
logo
Sensitron
1N4246 SENSITRON-1N4246 Datasheet
47Kb / 2P
   HERMETIC AXIAL LEAD RECTIFIER
More results


Similar Description - 1N4246

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
1N4001ID PHILIPS-1N4001ID Datasheet
31Kb / 5P
   Rectifiers
1996 Jun 10
logo
New Jersey Semi-Conduct...
1N2103 NJSEMI-1N2103 Datasheet
37Kb / 1P
   Rectifiers
logo
Microsemi Corporation
UES704 MICROSEMI-UES704 Datasheet
127Kb / 3P
   RECTIFIERS
UT236 MICROSEMI-UT236 Datasheet
136Kb / 3P
   RECTIFIERS
JAN1N5418 MICROSEMI-JAN1N5418 Datasheet
87Kb / 2P
   RECTIFIERS
logo
New Jersey Semi-Conduct...
UT234 NJSEMI-UT234 Datasheet
103Kb / 2P
   RECTIFIERS
logo
Microsemi Corporation
UES3005S MICROSEMI-UES3005S Datasheet
91Kb / 2P
   RECTIFIERS
UES4505C MICROSEMI-UES4505C Datasheet
90Kb / 2P
   RECTIFIERS
UTR10 MICROSEMI-UTR10 Datasheet
145Kb / 3P
   RECTIFIERS
UTR4405 MICROSEMI-UTR4405 Datasheet
157Kb / 3P
   RECTIFIERS
UES1501 MICROSEMI-UES1501 Datasheet
107Kb / 3P
   RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com