Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N984B Datasheet (PDF) - Digitron Semiconductors

1N984B Datasheet PDF - Digitron Semiconductors
Part # 1N984B
Download  1N984B Download

File Size   196.58 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description 500mW SILICON ZENER DIODES

1N984B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N984B Datasheet PDF - Digitron Semiconductors

Part # 1N984B
Download  1N984B Click to download

File Size   196.58 Kbytes
Page   3 Pages
Manufacturer  DIGITRON [Digitron Semiconductors]
Direct Link  http://www.digitroncorp.com
Logo DIGITRON - Digitron Semiconductors
Description 500mW SILICON ZENER DIODES

1N984B Datasheet (HTML) - Digitron Semiconductors

1N984B Datasheet HTML 1Page - Digitron Semiconductors 1N984B Datasheet HTML 2Page - Digitron Semiconductors 1N984B Datasheet HTML 3Page - Digitron Semiconductors

1N984B Product details

500mW SILICON ZENER DIODES




Similar Part No. - 1N984B

ManufacturerPart #DatasheetDescription
logo
Jinan Gude Electronic D...
1N984B JGD-1N984B Datasheet
185Kb / 2P
   0.5W SILICON ZENER DIODES
logo
Central Semiconductor C...
1N984B CENTRAL-1N984B Datasheet
880Kb / 3P
   SILICON ZENER DIODE 6.8 VOLTS THRU 200 VOLTS 500mW, 5% TOLERANCE
logo
Compensated Deuices Inc...
1N984B CDI-DIODE-1N984B Datasheet
110Kb / 2P
   METALLURGICALLY BONDED
logo
Yea Shin Technology Co....
1N984B YEASHIN-1N984B Datasheet
1Mb / 9P
   500 mW DO-35 Hermetically Sealed Glass Zener Voltage Regulators
logo
Microsemi Corporation
1N984B MICROSEMI-1N984B Datasheet
92Kb / 2P
   SILICON 500 mW ZENER DIODES
More results


Similar Description - 1N984B

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
1N753A MICROSEMI-1N753A Datasheet
75Kb / 2P
   SILICON 500MW ZENER DIODES
logo
Micro Commercial Compon...
MMSZ4678-TP MCC-MMSZ4678-TP Datasheet
346Kb / 5P
   500mW Silicon Zener Diodes
LLZ2V4 MCC-LLZ2V4 Datasheet
630Kb / 6P
   500mW Silicon Zener Diodes
DL4678 MCC-DL4678 Datasheet
432Kb / 5P
   500mW Silicon Zener Diodes
logo
Jinan Gude Electronic D...
1N746 JGD-1N746 Datasheet
199Kb / 2P
   500mW SILICON ZENER DIODES
logo
Shanghai Lunsure Electr...
BZX79C2V4 CHENYI-BZX79C2V4 Datasheet
97Kb / 4P
   500mW Silicon Zener Diodes
logo
Micro Commercial Compon...
1N4614 MCC-1N4614 Datasheet
265Kb / 5P
   500mW Silicon Zener Diodes
1N4614 MCC-1N4614_12 Datasheet
201Kb / 5P
   500mW Silicon Zener Diodes
MMSZ4678 MCC-MMSZ4678_16 Datasheet
306Kb / 5P
   500mW Silicon Zener Diodes
1N4678 MCC-1N4678_11 Datasheet
214Kb / 5P
   500mW Silicon Zener Diodes
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com