Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMA4729A Datasheet (PDF) - Socay Electornics Co., Ltd.

SMA4729A Datasheet PDF - Socay Electornics Co., Ltd.
Part # SMA4729A
Download  SMA4729A Download

File Size   149.04 Kbytes
Page   5 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W

SMA4729A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMA4729A Datasheet PDF - Socay Electornics Co., Ltd.

Part # SMA4729A
Download  SMA4729A Click to download

File Size   149.04 Kbytes
Page   5 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description SMA4728A - SZ1330A Series VZ: 3.3 To 330 V PD: 1 W

SMA4729A Datasheet (HTML) - Socay Electornics Co., Ltd.

SMA4729A Datasheet HTML 1Page - Socay Electornics Co., Ltd. SMA4729A Datasheet HTML 2Page - Socay Electornics Co., Ltd. SMA4729A Datasheet HTML 3Page - Socay Electornics Co., Ltd. SMA4729A Datasheet HTML 4Page - Socay Electornics Co., Ltd. SMA4729A Datasheet HTML 5Page - Socay Electornics Co., Ltd.

SMA4729A Product details

Features
◆ Glass passivated chip
◆ Low leakage
◆ Built-in strain relief
◆ Low inductance
◆ High peak reverse power dissipation
◆ Lead-Free component
◆ For use in stabilizing and clipping with high power rating




Similar Part No. - SMA4729A

ManufacturerPart #DatasheetDescription
logo
Yangzhou yangjie electr...
SMA4729A YANGJIE-SMA4729A Datasheet
194Kb / 3P
   Zener Diodes
logo
RFE international
SMA4729A RFE-SMA4729A Datasheet
954Kb / 4P
   Surface Mount Zener Diodes
07-22-2020
logo
Formosa MS
SMA4729A FORMOSA-SMA4729A Datasheet
151Kb / 4P
   Surface Mount Zener Diodes 1W
logo
Socay Electornics Co., ...
SMA4729A SOCAY-SMA4729A Datasheet
149Kb / 5P
   Surface Mount Zener Diodes
logo
CHENG-YI ELECTRONIC CO....
SMA4729A CHENG-YI-SMA4729A Datasheet
352Kb / 3P
   1W GLASS PASSIVATED JUNCTION SILICON ZENER DIODE
More results


Similar Description - SMA4729A

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
2EZ3.6D5 FS-2EZ3.6D5 Datasheet
85Kb / 2P
   Vz : 3.6 - 200 Volts, PD : 2 Watts
logo
GOOD-ARK Electronics
1N746 GOOD-ARK-1N746_15 Datasheet
57Kb / 2P
   Zener Diodes VZ Range 3.3 to 12 Volts Power Dissipation 500mW
logo
Texas Instruments
TRF1223 TI-TRF1223 Datasheet
198Kb / 10P
[Old version datasheet]   3.3-GHz TO 3.8-GHZ 1-W Power Amplifier
TRF1223 TI-TRF1223_07 Datasheet
324Kb / 13P
[Old version datasheet]   3.3-GHz To 3.8-GHz 1-W Power Amplifier
logo
GOOD-ARK Electronics
1N4728 GOOD-ARK-1N4728_15 Datasheet
93Kb / 3P
   Zener Diodes VZ Range: 3.3 to 100 Volts Power Dissipation: 1.0W
logo
Texas Instruments
TS5A4624 TI-TS5A4624_09 Datasheet
598Kb / 27P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI1-TS5A4624_14 Datasheet
901Kb / 29P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
TS5A4624 TI-TS5A4624_15 Datasheet
859Kb / 28P
[Old version datasheet]   1-W SPDT ANALOG SWITCH 5-V/3.3-V SINGLE-CHANNEL 2:1 MULTIPLEXER/DEMULTIPLEXER
logo
Cirrus Logic
CS4349 CIRRUS-CS4349 Datasheet
815Kb / 40P
   192 kHz DAC w/ Volume Control and 1 Vrms @ 3.3 V
logo
SeCoS Halbleitertechnol...
1N47XXAG SECOS-1N47XXAG Datasheet
218Kb / 2P
   VOLTAGE 3.3 ~ 56 V, 1 W Hermetically Sealed Glass Zener Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com