Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

85076 Datasheet (PDF) - List of Unclassifed Manufacturers

85076 Datasheet PDF - List of Unclassifed Manufacturers
Part # 85076
Download  85076 Download

File Size   308.94 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)

85076 Datasheet (PDF)

Go To PDF Page Download Datasheet
85076 Datasheet PDF - List of Unclassifed Manufacturers

Part # 85076
Download  85076 Click to download

File Size   308.94 Kbytes
Page   1 Pages
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers
Description LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)

85076 Datasheet (HTML) - List of Unclassifed Manufacturers

85076 Datasheet HTML 1Page - List of Unclassifed Manufacturers



Similar Part No. - 85076

ManufacturerPart #DatasheetDescription
logo
Huber+Suhner, Inc.
85076164 HUBERSUHNER-85076164 Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
85076209 HUBERSUHNER-85076209 Datasheet
263Kb / 2P
   COAXIAL CONNECTOR, N, 50 Ohm, Straight cable plug (male)
85076392 HUBERSUHNER-85076392 Datasheet
1Mb / 2P
   COAXIAL ADAPTER, SMA, 50 Ohm, Bulkhead, jack / jack (female / female)
85076926 HUBERSUHNER-85076926 Datasheet
258Kb / 2P
   COAXIAL CONNECTOR, 4.3-10, 50 Ohm, Straight cable plug (male)
85076927 HUBERSUHNER-85076927 Datasheet
214Kb / 2P
   COAXIAL CONNECTOR, 4.3-10, 50 Ohm, Straight cable jack (female)
More results


Similar Description - 85076

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
85084 ETC2-85084 Datasheet
214Kb / 1P
   LTCC High Temperature Inductors 0.2x0.2 inch (5x5 mm)
85093 ETC2-85093 Datasheet
309Kb / 1P
   LTCC High Temperature Inductors 0.15x0.15 inch (3.8x3.8 mm)
85008 ETC2-85008 Datasheet
303Kb / 1P
   LTCC High Temperature Inductors 0.27x0.27 inch size
85022 ETC2-85022 Datasheet
308Kb / 1P
   LTCC High Temperature Inductors 0.30x0.30 inch Size
85042 ETC2-85042 Datasheet
313Kb / 1P
   LTCC High Temperature Inductors 0.40x0.40 inch size
85090 ETC2-85090 Datasheet
214Kb / 1P
   LTCC High Temperature Inductors 0.27x0.27 inch size Higher Current Series
85081 ETC2-85081 Datasheet
214Kb / 1P
   LTCC High Temperature Inductors 0.40x0.40 inch size Higher Current Series
logo
TAI-SAW TECHNOLOGY CO.,...
TB0237A TAI-SAW-TB0237A Datasheet
480Kb / 5P
   SAW Filter 402.7 MHz SMD 5x5 mm
TC0250A TAI-SAW-TC0250A Datasheet
329Kb / 5P
   SAW Resonator 435.72 MHz SMD 5X5 mm
TC0117A TAI-SAW-TC0117A Datasheet
343Kb / 4P
   SAW Resonator 418 MHz SMD 5X5 mm
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com