Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMBJ90 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ90 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # SMBJ90
Download  SMBJ90 Download

File Size   1002.45 Kbytes
Page   6 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description 600 Watts Surface Mount Transient Voltage Suppressor

SMBJ90 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMBJ90 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # SMBJ90
Download  SMBJ90 Click to download

File Size   1002.45 Kbytes
Page   6 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description 600 Watts Surface Mount Transient Voltage Suppressor

SMBJ90 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ90 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ90 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ90 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ90 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ90 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd SMBJ90 Datasheet HTML 6Page - Shenzhen Luguang Electronic Technology Co., Ltd

SMBJ90 Product details

Features
✧ For surface mounted application
✧ Low profile package
✧ Built-in strain relief
✧ Glass passivated junction
✧ Excellent clamping capability
✧ Fast response time: Typically less than 1.0ps
   from 0 volt to BV min.
✧ Typical IR less than 1μA above 10V
✧ High temperature soldering guaranteed:
   260°C / 10 seconds at terminals
✧ Plastic material used carries Underwriters
   Laboratory Flammability Classification 94V-0
✧ 600 watts peak pulse power capability with a 10
   x 1000 us waveform by 0.01% duty cycle

Mechanical Data
✧ Case: Molded plastic
✧ Terminals: Pure tin plated lead free,
✧ Polarity: Indicated by cathode band except bipolar
✧ Weight: 0.093gram




Similar Part No. - SMBJ90

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMBJ90 JGD-SMBJ90 Datasheet
301Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Microsemi Corporation
SMBJ90 MICROSEMI-SMBJ90 Datasheet
183Kb / 4P
   SURFACE MOUNT 600 Watt Transient Voltage Suppressor
logo
Galaxy Semi-Conductor H...
SMBJ90 BILIN-SMBJ90 Datasheet
118Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Jiangsu High diode Semi...
SMBJ90 HDSEMI-SMBJ90 Datasheet
1Mb / 7P
   SMB Plastic-Encapsulate Diodes
More results


Similar Description - SMBJ90

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
SMBJ LUGUANG-SMBJ_13 Datasheet
316Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Fuji Electric
P6SMB FUJI-P6SMB Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Taiwan Semiconductor Co...
SMBJ5.0 TSC-SMBJ5.0_1 Datasheet
562Kb / 5P
   600 Watts Surface Mount Transient Voltage Suppressor
P6SMB TSC-P6SMB_1 Datasheet
630Kb / 4P
   600 Watts Surface Mount Transient Voltage Suppressor
logo
Pan Jit International I...
P6SMB_SERIES PANJIT-P6SMB_SERIES_14 Datasheet
246Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
SHIKUES Electronics
SMBJ SKTECHNOLGY-SMBJ Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
DONGGUAN YOU FENG WEI E...
SMBFJ6.8A YFWDIODE-SMBFJ6.8A Datasheet
496Kb / 5P
   Surface mount transient voltage suppressor power 600 watts
logo
SHIKUES Electronics
P6SMB SKTECHNOLGY-P6SMB Datasheet
461Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
logo
Pan Jit International I...
P6SMAFJ5.0A PANJIT-P6SMAFJ5.0A Datasheet
116Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 600 Watts
logo
DONGGUAN YOU FENG WEI E...
SMBJ6.8A YFWDIODE-SMBJ6.8A Datasheet
520Kb / 4P
   Surface mount transient voltage suppressor power 600 watts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com