Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TA10.0 Datasheet (PDF) - Clare, Inc.

TA10.0 Datasheet PDF - Clare, Inc.
Part # TA10.0
Download  TA10.0 Download

File Size   77.0 Kbytes
Page   3 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description HIGH-ENERGY TRIGGERED SPARK GAPS

TA10.0 Datasheet (PDF)

Go To PDF Page Download Datasheet
TA10.0 Datasheet PDF - Clare, Inc.

Part # TA10.0
Download  TA10.0 Click to download

File Size   77.0 Kbytes
Page   3 Pages
Manufacturer  CLARE [Clare, Inc.]
Direct Link  http://www.clare.com
Logo CLARE - Clare, Inc.
Description HIGH-ENERGY TRIGGERED SPARK GAPS

TA10.0 Datasheet (HTML) - Clare, Inc.

TA10.0 Datasheet HTML 1Page - Clare, Inc. TA10.0 Datasheet HTML 2Page - Clare, Inc. TA10.0 Datasheet HTML 3Page - Clare, Inc.

TA10.0 Product details

DESCRIPTION
CP Clares Triggergaps are high-energy spark gaps that are capable of switching stored energy in a fraction of a microsecond. Triggergaps require no standby power, are extremely rugged, and require only a low-energy, high voltage triggering pulse. The miniature TA series (1-15kV) provides switching capability for pulses with energy content as high as 50 joules. The larger TB series (2.5-25 kV) will reliably switch pulses with up to 300 joules of energy. The TG-221 to 226 (1-60 kV) can switch pulses with energy contents of up to 6000 joules and feature adjustable self-breakdown voltages.

FEATURES
■ Tight self-breakdown voltage tolerance
   (±10%;TA & TB series)
■ Adjustable self-breakdown voltage
   (TG-221 to TG-226)
■ Rugged ceramic-metal construction
■ Refractory metal electrodes
■ Corrosion-resistant stainless steel
   external surfaces (TB series)

APPLICATIONS
■ High current surge generators
■ Exploding bridge wire systems
■ Crowbars
■ Flashtube triggers




Similar Part No. - TA10.0

ManufacturerPart #DatasheetDescription
logo
TiMOTION Technology Co....
TA10 TIMOTION-TA10 Datasheet
603Kb / 8P
   Max. load 6,000N (push), 4,000N (pull)
20200603-F
logo
List of Unclassifed Man...
TA100 ETC1-TA100 Datasheet
170Kb / 1P
   Power Chip Resistors Thick Film on Alumina Substrate
logo
Ohmite Mfg. Co.
TA100 OHMITE-TA100 Datasheet
239Kb / 2P
   Power Chip짰 Thick Film on Alumina Substrate
TA100 OHMITE-TA100 Datasheet
333Kb / 2P
   High Power Density
logo
Microchip Technology
TA100 MICROCHIP-TA100 Datasheet
718Kb / 28P
   CryptoAutomotive??TA100 (B5) Summary Data Sheet
Rev D
More results


Similar Description - TA10.0

ManufacturerPart #DatasheetDescription
logo
Clare, Inc.
TX45 CLARE-TX45 Datasheet
186Kb / 4P
   HIGH-ENERGY TRIGGERED SPARK GAPS
logo
PerkinElmer Optoelectro...
GP-89 PERKINELMER-GP-89 Datasheet
67Kb / 4P
   Triggered Spark Gaps
GP-485 PERKINELMER-GP-485 Datasheet
71Kb / 6P
   Mini-Triggered Spark Gaps and Transformers
logo
Taiyo Yuden (U.S.A.), I...
AG20PC152F-L3N TAIYO-YUDEN-AG20PC152F-L3N Datasheet
360Kb / 2P
   SPARK GAPS
logo
List of Unclassifed Man...
AG15P152FB ETC2-AG15P152FB Datasheet
360Kb / 2P
   SPARK GAPS
logo
PerkinElmer Optoelectro...
GPV-63 PERKINELMER-GPV-63 Datasheet
59Kb / 4P
   Triggered Vacuum Gaps
logo
Clare, Inc.
TG-6 CLARE-TG-6 Datasheet
195Kb / 7P
   HIGH ENERGY SPARK GAP DEVICES
logo
Okaya Electric America,...
3RMES-121 OKAYA-3RMES-121 Datasheet
239Kb / 1P
   SPARK QUENCHER
XA120033 OKAYA-XA120033_14 Datasheet
49Kb / 1P
   SPARK QUENCHER
S120033 OKAYA-S120033 Datasheet
292Kb / 1P
   SPARK QUENCHER
More results




About Clare, Inc.


Clare, Inc. is a semiconductor company that specializes in the development and manufacturing of solid-state relays (SSRs) and other electronic components. The company was founded in 1992 and is based in Beverly, Massachusetts, USA.

Clare's product portfolio includes a wide range of SSRs, including AC and DC input models, single and dual output models, and high voltage and high current models. The company's SSRs are used in various applications, such as industrial automation, medical equipment, telecommunications, and transportation.

One of Clare's key areas of expertise is in the design of high-performance SSRs that offer superior reliability, fast switching speeds, and low power consumption. The company's SSRs are also designed to be compact and lightweight, making them well-suited to applications where space is limited.

In addition to its SSRs, Clare also offers a range of other electronic components, such as optocouplers, power switches, and voltage regulators. The company places a strong emphasis on research and development, investing heavily in new technologies and design methodologies to stay at the forefront of the industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com