Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS21348G Datasheet (PDF) - Dallas Semiconductor

DS21348G Datasheet PDF - Dallas Semiconductor
Part # DS21348G
Download  DS21348G Download

File Size   551.83 Kbytes
Page   73 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V E1/T1/J1 Line Interface

DS21348G Datasheet (PDF)

Go To PDF Page Download Datasheet
DS21348G Datasheet PDF - Dallas Semiconductor

Part # DS21348G
Download  DS21348G Click to download

File Size   551.83 Kbytes
Page   73 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 3.3V E1/T1/J1 Line Interface

DS21348G Datasheet (HTML) - Dallas Semiconductor

Back Button DS21348G Datasheet HTML 1Page - Dallas Semiconductor DS21348G Datasheet HTML 2Page - Dallas Semiconductor DS21348G Datasheet HTML 3Page - Dallas Semiconductor DS21348G Datasheet HTML 4Page - Dallas Semiconductor DS21348G Datasheet HTML 5Page - Dallas Semiconductor DS21348G Datasheet HTML 6Page - Dallas Semiconductor DS21348G Datasheet HTML 7Page - Dallas Semiconductor DS21348G Datasheet HTML 8Page - Dallas Semiconductor DS21348G Datasheet HTML 9Page - Dallas Semiconductor DS21348G Datasheet HTML 10Page - Dallas Semiconductor Next Button 

DS21348G Product details

DESCRIPTION

The DS21348 is a complete selectable E1 or T1 LIU for short-haul and long-haul applications. Throughout the data sheet, J1 is represented wherever T1 exists. Receive sensitivity adjusts automatically to the incoming signal and can be programmed for 0dB to 12 dB or 0dB to 43dB for E1 applications and 0dB to 30dB or 0dB to 36dB for T1 applications.



FEATURES

Complete E1, T1, or J1 line interface unit(LIU)

Supports both long-haul and short-haul trunks

Internal software-selectable receive-side termination for 75Ω/100Ω/120

3.3V power supply

32-bit or 128-bit crystal-less jitter attenuator requires only a 2.048MHz master clock for both E1 and T1 with option to use 1.544MHz for T1

Generates the appropriate line build-outs, with and without return loss, for E1 and DSX-1 and CSU line build-outs for T1

AMI, HDB3, and B8ZS, encoding/decoding

16.384MHz, 8.192MHz, 4.096MHz, or 2.048MHz clock output synthesized to recovered clock

Programmable monitor mode for receiver

Loopbacks and PRBS pattern generation/detection with output for received errors

Generates/detects in-band loop codes, 1 to 16 bits including CSU loop codes

8-bit parallel or serial interface with optional hardware mode

Muxed and nonmuxed parallel bus supports Intel or Motorola

Detects/generates blue (AIS) alarms

NRZ/bipolar interface for TX/RX data I/O

Transmit open-circuit detection

Receive Carrier Loss (RCL) indication (G.775)

High-Z State for TTIP and TRING

50mA (rms) current limiter




Similar Part No. - DS21348G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21348G MAXIM-DS21348G Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
DS21348G++ MAXIM-DS21348G+ Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
DS21348GN MAXIM-DS21348GN Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
DS21348GN++ MAXIM-DS21348GN+ Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
More results


Similar Description - DS21348G

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS21348 MAXIM-DS21348 Datasheet
792Kb / 76P
   3.3V E1/T1/J1 Line Interface
REV: 011206
logo
Dallas Semiconductor
DS21448 DALLAS-DS21448 Datasheet
1Mb / 60P
   3.3V E1/T1/J1 Quad Line Interface
logo
Maxim Integrated Produc...
DS21448 MAXIM-DS21448 Datasheet
837Kb / 60P
   3.3V E1/T1/J1 Quad Line Interface
REV: 011206
logo
Dallas Semiconductor
DS2148 DALLAS-DS2148 Datasheet
544Kb / 75P
   5V E1/T1/J1 Line Interface
DS26303 DALLAS-DS26303_07 Datasheet
1,011Kb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303 Datasheet
1,004Kb / 97P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV 072205
logo
PMC-Sierra, Inc
PM4318 PMC-PM4318 Datasheet
2Mb / 244P
   OCTAL E1/T1/J1 LINE INTERFACE DEVICE
logo
Maxim Integrated Produc...
DS26324 MAXIM-DS26324_11 Datasheet
1Mb / 120P
   3.3V, 16-Channel, E1/T1/J1 Short-Haul Line Interface Unit Independent E1, T1 or J1 Selections
Rev 3/11
logo
Dallas Semiconductor
DS21448DK DALLAS-DS21448DK Datasheet
716Kb / 17P
   3.3V E1/T1/J1 Line Interface Design Kit Daughter Card
logo
Maxim Integrated Produc...
DS26303 MAXIM-DS26303_V01 Datasheet
1Mb / 101P
   3.3V, E1/T1/J1, Short-Haul, Octal Line Interface Unit
REV: 053107
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com