Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS2251 Datasheet (PDF) - Dallas Semiconductor

DS2251 Datasheet PDF - Dallas Semiconductor
Part # DS2251
Download  DS2251 Download

File Size   654.56 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 128k Soft Microcontroller Module

DS2251 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS2251 Datasheet PDF - Dallas Semiconductor

Part # DS2251
Download  DS2251 Click to download

File Size   654.56 Kbytes
Page   20 Pages
Manufacturer  DALLAS [Dallas Semiconductor]
Direct Link  https://www.maximintegrated.com/en.html
Logo DALLAS - Dallas Semiconductor
Description 128k Soft Microcontroller Module

DS2251 Datasheet (HTML) - Dallas Semiconductor

Back Button DS2251 Datasheet HTML 1Page - Dallas Semiconductor DS2251 Datasheet HTML 2Page - Dallas Semiconductor DS2251 Datasheet HTML 3Page - Dallas Semiconductor DS2251 Datasheet HTML 4Page - Dallas Semiconductor DS2251 Datasheet HTML 5Page - Dallas Semiconductor DS2251 Datasheet HTML 6Page - Dallas Semiconductor DS2251 Datasheet HTML 7Page - Dallas Semiconductor DS2251 Datasheet HTML 8Page - Dallas Semiconductor DS2251 Datasheet HTML 9Page - Dallas Semiconductor DS2251 Datasheet HTML 10Page - Dallas Semiconductor Next Button 

DS2251 Product details

DESCRIPTION
The DS2251T 128k Soft Microcontroller Module is an 8051-compatible microcontroller module based on nonvolatile RAM technology. It is designed for systems that need large quantities of nonvolatile memory. Like other members of the Secure Microcontroller family, it provides full compatibility with the 8051 instruction set, timers, serial port, and parallel I/O ports. By using NV RAM instead of ROM, the user can program, then reprogram the microcontroller while in-system. The application software can even change its own operation. This allows frequent software upgrades, adaptive programs, customized systems, etc. In addition, by using NV RAM, the DS2251T is ideal for data logging applications. The powerful real time clock includes interrupts for time stamp and date. It keeps time to one-hundredth of seconds using its onboard 32 kHz crystal.

FEATURES
■ 8051-compatible microcontroller adapts to its task
    - 32K, 64K, or 128K bytes of nonvolatile SRAM for program and/or data storage
    - In-system programming via on-chip serial port
    - Capable of modifying its own program or data memory in the end system
    - Provides separate Byte-wide bus for peripherals
    - Performs CRC-16 check of NV RAM memory
■ High-reliability operation
    - Maintains all nonvolatile resources for over 10 years in the absence of power
    - Power-fail reset
    - Early Warning Power-fail Interrupt
    - Watchdog Timer
    - Lithium backed memory remembers system state
    - Precision reference for power monitor
■ Fully 8051-compatible
    - 128 bytes scratchpad RAM
    - Two timer/counters
    - On-chip serial port
    - 32 parallel I/O port pins
■ Permanently powered real time clock




Similar Part No. - DS2251

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251T DALLAS-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T-128-16 DALLAS-DS2251T-128-16 Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
DS2251T-128-16 DALLAS-DS2251T-128-16 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
More results


Similar Description - DS2251

ManufacturerPart #DatasheetDescription
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T_06 Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2251T MAXIM-DS2251T Datasheet
604Kb / 22P
   128k Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2251T DALLAS-DS2251T Datasheet
118Kb / 19P
   128K Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2252T MAXIM-DS2252T Datasheet
680Kb / 16P
   Soft Microcontroller Module
REV: 061306
logo
Dallas Semiconductor
DS2250T DALLAS-DS2250T Datasheet
594Kb / 20P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS5000-32-16 MAXIM-DS5000-32-16 Datasheet
378Kb / 19P
   Soft Microcontroller Module
REV: 070706
logo
Dallas Semiconductor
DS5000 DALLAS-DS5000_06 Datasheet
378Kb / 19P
   Soft Microcontroller Module
DS5000 DALLAS-DS5000 Datasheet
131Kb / 18P
   Soft Microcontroller Module
logo
Maxim Integrated Produc...
DS2250 MAXIM-DS2250 Datasheet
453Kb / 18P
   Soft Microcontroller Module
REV: 060906
logo
Dallas Semiconductor
DS2252T DALLAS-DS2252T_06 Datasheet
680Kb / 16P
   Soft Microcontroller Module
More results




About Dallas Semiconductor


Dallas Semiconductor was an American company that was founded in 1984 and was a supplier of mixed-signal and digital semiconductors.
The company was headquartered in Dallas, Texas, and was known for its innovative products and technology in the field of real-time clocks, temperature sensors, and other integrated circuits.
In 2002, Dallas Semiconductor was acquired by Maxim Integrated, a multinational semiconductor company, and became a subsidiary of Maxim.
The Dallas Semiconductor brand is no longer in use, but its products and technology continue to be a part of Maxim's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com