Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AXK6F22347YG Datasheet (PDF) - Panasonic Semiconductor

AXK6F22347YG Datasheet PDF - Panasonic Semiconductor
Part # AXK6F22347YG
Download  AXK6F22347YG Download

File Size   168.3 Kbytes
Page   10 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Narrow pitch connectors (0.5mm pitch)

AXK6F22347YG Datasheet (PDF)

Go To PDF Page Download Datasheet
AXK6F22347YG Datasheet PDF - Panasonic Semiconductor

Part # AXK6F22347YG
Download  AXK6F22347YG Click to download

File Size   168.3 Kbytes
Page   10 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Narrow pitch connectors (0.5mm pitch)

AXK6F22347YG Datasheet (HTML) - Panasonic Semiconductor

AXK6F22347YG Datasheet HTML 1Page - Panasonic Semiconductor AXK6F22347YG Datasheet HTML 2Page - Panasonic Semiconductor AXK6F22347YG Datasheet HTML 3Page - Panasonic Semiconductor AXK6F22347YG Datasheet HTML 4Page - Panasonic Semiconductor AXK6F22347YG Datasheet HTML 5Page - Panasonic Semiconductor AXK6F22347YG Datasheet HTML 6Page - Panasonic Semiconductor AXK6F22347YG Datasheet HTML 7Page - Panasonic Semiconductor AXK6F22347YG Datasheet HTML 8Page - Panasonic Semiconductor AXK6F22347YG Datasheet HTML 9Page - Panasonic Semiconductor AXK6F22347YG Datasheet HTML 10Page - Panasonic Semiconductor



Similar Part No. - AXK6F22347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK6F22347YG PANASONIC-AXK6F22347YG Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
More results


Similar Description - AXK6F22347YG

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AXK500147BN1 PANASONIC-AXK500147BN1 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch)
AXN520045G PANASONIC-AXN520045G Datasheet
143Kb / 7P
   Narrow pitch connectors (0.5mm pitch) Automatic Mounting
AXK520147YG PANASONIC-AXK520147YG_13 Datasheet
364Kb / 15P
   Narrow pitch connectors (0.5mm pitch) Automatic mounting
AXK5F10347YG PANASONIC-AXK5F10347YG_13 Datasheet
168Kb / 10P
   Narrow pitch connectors (0.5mm pitch) Two-piece structure and 0.5mm pitch.
AXE510127 PANASONIC-AXE510127 Datasheet
622Kb / 13P
   Narrow pitch connectors
AXK7L36223G PANASONIC-AXK7L36223G Datasheet
258Kb / 9P
   Narrow pitch connectors (0.4mm pitch)
AXT370164 PANASONIC-AXT370164 Datasheet
510Kb / 15P
   Narrow pitch connectors (0.4mm pitch)
AXN330C130P PANASONIC-AXN330C130P Datasheet
248Kb / 13P
   Narrow pitch connectors (0.8mm pitch)
AXE616124 PANASONIC-AXE616124 Datasheet
299Kb / 10P
   Narrow pitch connectors (0.4mm pitch)
logo
Hirose Electric
FX10A-80P8-SV HIROSE-FX10A-80P8-SV Datasheet
637Kb / 20P
   10 Gbps 0.5mm pitch Stacking Connectors
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com