Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5313-1 Datasheet (PDF) - Aeroflex Circuit Technology

1N5313-1 Datasheet PDF - Aeroflex Circuit Technology
Part # 1N5313-1
Download  1N5313-1 Download

File Size   517.39 Kbytes
Page   4 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Current Regulator Diode Series

1N5313-1 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5313-1 Datasheet PDF - Aeroflex Circuit Technology

Part # 1N5313-1
Download  1N5313-1 Click to download

File Size   517.39 Kbytes
Page   4 Pages
Manufacturer  AEROFLEX [Aeroflex Circuit Technology]
Direct Link  http://www.aeroflex.com
Logo AEROFLEX - Aeroflex Circuit Technology
Description Current Regulator Diode Series

1N5313-1 Datasheet (HTML) - Aeroflex Circuit Technology

1N5313-1 Datasheet HTML 1Page - Aeroflex Circuit Technology 1N5313-1 Datasheet HTML 2Page - Aeroflex Circuit Technology 1N5313-1 Datasheet HTML 3Page - Aeroflex Circuit Technology 1N5313-1 Datasheet HTML 4Page - Aeroflex Circuit Technology

1N5313-1 Product details

Description
The popular 1N5283-1 thru 1N5314-1 and 1N7041-1 thru 1N7055-1 series of 0.5 watt current regulators provides a selection from 0.22 mA to 10 mA in standard 10% tolerances. These devices regulate current over a broad voltage range as a counter part offering to Zeners (that regulate voltage over a broad current range. The somewhat larger D0-7 packaging option offers a double-plug internal bond connection with a larger active die element for its unique function as a current limiter.

Features
• High source impedance.
• Internal metallurgical bond.
• JAN, JANTX, and JANTXV qualification per
   MIL-PRF-19500/463 available.

Applications
• Double-plug construction.
• Regulates current over a broad operating wltage and temperature range.
• Extensive selection from 0.22 mA to 10 mA.
• Standard current tolerances are plus/minus 10%.
• Flexible axial-lead mounting terminals.
• Nonsensitive to ESD.




Similar Part No. - 1N5313-1

ManufacturerPart #DatasheetDescription
logo
Compensated Deuices Inc...
1N5313-1 CDI-DIODE-1N5313-1 Datasheet
30Kb / 2P
   CURRENT REGULATOR DIODES
logo
Aeroflex Circuit Techno...
1N5313-1 AEROFLEX-1N5313-1 Datasheet
517Kb / 4P
   Current Regulator Diode Series 1N5283-1 thru 1N5314-1 & 1N7048-1 thru 1N7055-1
logo
M/A-COM Technology Solu...
1N5313-1 MA-COM-1N5313-1 Datasheet
726Kb / 5P
   High Source Impedance
More results


Similar Description - 1N5313-1

ManufacturerPart #DatasheetDescription
logo
Micross Components
LSJ501_TO-92 MICROSS-LSJ501_TO-92 Datasheet
532Kb / 1P
   Current Regulator Diode
SST503_SOT-23 MICROSS-SST503_SOT-23 Datasheet
324Kb / 1P
   Current Regulator Diode
SST505_SOT-23 MICROSS-SST505_SOT-23 Datasheet
323Kb / 1P
   Current Regulator Diode
SST506_SOT-23 MICROSS-SST506_SOT-23 Datasheet
324Kb / 1P
   Current Regulator Diode
LSJ505_SOT-23 MICROSS-LSJ505_SOT-23 Datasheet
545Kb / 1P
   Current Regulator Diode
J500_TO-92 MICROSS-J500_TO-92 Datasheet
553Kb / 1P
   Current Regulator Diode
J506_TO-92 MICROSS-J506_TO-92 Datasheet
531Kb / 1P
   Current Regulator Diode
LSJ501_SOT-23 MICROSS-LSJ501_SOT-23 Datasheet
543Kb / 1P
   Current Regulator Diode
LSJ506_TO-92 MICROSS-LSJ506_TO-92 Datasheet
531Kb / 1P
   Current Regulator Diode
LSJ509_SOT-23 MICROSS-LSJ509_SOT-23 Datasheet
547Kb / 1P
   Current Regulator Diode
More results




About Aeroflex Circuit Technology


Aeroflex Circuit Technology is a division of Aeroflex Holding Corp, a leading provider of high-performance microelectronic components and subsystems.
Aeroflex Circuit Technology specializes in the design and manufacture of high-quality circuit boards and components for the aerospace and defense, medical, and industrial markets.
The company offers a wide range of products including printed circuit boards (PCBs), microelectronics assemblies, and complete systems.
Aeroflex Circuit Technology is known for its expertise in advanced circuit technology, high-reliability products, and superior customer service.
The company has facilities in various locations across the United States and Europe.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com