Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LM393Q8 Datasheet (PDF) - Cystech Electonics Corp.

LM393Q8 Datasheet PDF - Cystech Electonics Corp.
Part # LM393Q8
Download  LM393Q8 Download

File Size   251.61 Kbytes
Page   6 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Dual Differential Comparator

LM393Q8 Datasheet (PDF)

Go To PDF Page Download Datasheet
LM393Q8 Datasheet PDF - Cystech Electonics Corp.

Part # LM393Q8
Download  LM393Q8 Click to download

File Size   251.61 Kbytes
Page   6 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Dual Differential Comparator

LM393Q8 Datasheet (HTML) - Cystech Electonics Corp.

LM393Q8 Datasheet HTML 1Page - Cystech Electonics Corp. LM393Q8 Datasheet HTML 2Page - Cystech Electonics Corp. LM393Q8 Datasheet HTML 3Page - Cystech Electonics Corp. LM393Q8 Datasheet HTML 4Page - Cystech Electonics Corp. LM393Q8 Datasheet HTML 5Page - Cystech Electonics Corp. LM393Q8 Datasheet HTML 6Page - Cystech Electonics Corp.

LM393Q8 Product details

Description

The LM393Q8 consists of two independent voltage comparators, designed specifically to operate from a single power over a wide voltage range.



Features

• Single or dual supply operation

• Wide operating supply range(VCC=2V~36V or ±1V to ±18V)

• Input common-mode voltage includes ground

• Low supply current drain ICC=0.8mA(typical)

• Low input bias current Ibias=25nA(typical)

• Output compatible with TTL, DTL and CMOS logic system




Similar Part No. - LM393Q8

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
LM393 MOTOROLA-LM393 Datasheet
136Kb / 6P
   SINGLE SUPPLY, LOW POWER DUAL COMPARATORS
logo
Texas Instruments
LM393 TI-LM393 Datasheet
3Mb / 55P
[Old version datasheet]   LM393B, LM2903B, LM193, LM293, LM393 and LM2903 Dual Comparators
logo
STMicroelectronics
LM393 STMICROELECTRONICS-LM393 Datasheet
234Kb / 15P
   Low power dual voltage comparators
logo
ON Semiconductor
LM393 ONSEMI-LM393 Datasheet
118Kb / 10P
   Low Offset Voltage Dual Comparators
October, 2016 ??Rev. 31
logo
NXP Semiconductors
LM393 PHILIPS-LM393 Datasheet
121Kb / 6P
   Low power dual voltage comparator
1995 Nov 27
More results


Similar Description - LM393Q8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GSCLM393 GTM-GSCLM393 Datasheet
229Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
Motorola, Inc
MC1414 MOTOROLA-MC1414 Datasheet
210Kb / 4P
   DUAL DIFFERENTIAL COMPARATOR
logo
SeCoS Halbleitertechnol...
SPWLM393D SECOS-SPWLM393D Datasheet
761Kb / 4P
   Dual Differential Comparator
SPWLM393S SECOS-SPWLM393S Datasheet
763Kb / 4P
   Dual Differential Comparator
logo
First Components Intern...
LM393 FCI-LM393 Datasheet
71Kb / 4P
   Dual Differential Comparator
logo
Texas Instruments
LM293-EP TI1-LM293-EP_14 Datasheet
346Kb / 9P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Unisonic Technologies
LM393 UTC-LM393 Datasheet
181Kb / 5P
   DUAL DIFFERENTIAL COMPARATOR
logo
Texas Instruments
LM293-EP TI1-LM293-EP_16 Datasheet
346Kb / 8P
[Old version datasheet]   DUAL DIFFERENTIAL COMPARATOR
logo
Fairchild Semiconductor
KA293 FAIRCHILD-KA293 Datasheet
84Kb / 10P
   Dual Differential Comparator
LM2903 FAIRCHILD-LM2903 Datasheet
77Kb / 8P
   Dual Differential Comparator
logo
Unisonic Technologies
LM393 UTC-LM393_05 Datasheet
184Kb / 6P
   DUAL DIFFERENTIAL COMPARATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com