Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5377B Datasheet (PDF) - Diodes Incorporated

1N5377B Datasheet PDF - Diodes Incorporated
Part # 1N5377B
Download  1N5377B Download

File Size   63.53 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5W ZENER DIODE

1N5377B Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5377B Datasheet PDF - Diodes Incorporated

Part # 1N5377B
Download  1N5377B Click to download

File Size   63.53 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 5W ZENER DIODE

1N5377B Datasheet (HTML) - Diodes Incorporated

1N5377B Datasheet HTML 1Page - Diodes Incorporated 1N5377B Datasheet HTML 2Page - Diodes Incorporated 1N5377B Datasheet HTML 3Page - Diodes Incorporated

1N5377B Product details

Features
• Voltage Range 8.2V - 200V
• Glass Passivated Junction
• 5W Steady State
• High Surge Capability
• ±5% Voltage Tolerance on Nominal VZ is Standard
• 100% Tested




Similar Part No. - 1N5377B

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5377B MOTOROLA-1N5377B Datasheet
87Kb / 6P
   5 WATT ZENER REGULATOR DIODES 3.3-200 VOLTS
logo
New Jersey Semi-Conduct...
1N5377B NJSEMI-1N5377B Datasheet
99Kb / 3P
   ZENER DIODES
logo
ON Semiconductor
1N5377B ONSEMI-1N5377B Datasheet
82Kb / 8P
   5 Watt Surmetic TM 40 Zener Voltage Regulators
May, 2006 ??Rev. 7
logo
Insel Rectifier India P...
1N5377B IRI-1N5377B Datasheet
204Kb / 3P
   ZENER DIODE
logo
Frontier Electronics.
1N5377B FRONTIER-1N5377B Datasheet
138Kb / 4P
   5 WATT SILICON ZENER DIODE
More results


Similar Description - 1N5377B

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
1N5344B GXELECTRONICS-1N5344B Datasheet
209Kb / 3P
   5W ZENER DIODE
logo
Diotech Company.
1N5333B DIOTECH-1N5333B Datasheet
869Kb / 3P
   5W SILICON ZENER DIODE
SMBJ5333B DIOTECH-SMBJ5333B Datasheet
733Kb / 3P
   5W SURFACE MOUNT SILICON ZENER DIODE
logo
Formosa MS
1N5338B FORMOSA-1N5338B Datasheet
948Kb / 4P
   5W Zener Diode 5.1 to 200V
logo
Dongguan Pingjingsemi T...
1N5333B PJSEMI-1N5333B Datasheet
1Mb / 6P
   5W Zener Doides
logo
Taiwan Semiconductor Co...
1PGSMC5348 TSC-1PGSMC5348 Datasheet
296Kb / 6P
   5W, 11V - 51V Surface Mount Silicon Zener Diode
logo
Sensitron
1N4963 SENSITRON-1N4963 Datasheet
44Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4963 SENSITRON-1C4963 Datasheet
58Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1C4981 SENSITRON-1C4981 Datasheet
147Kb / 2P
   ZENER 5W VOLTAGE REGULATOR
1N4954 SENSITRON-1N4954 Datasheet
127Kb / 3P
   Zener 5W Voltage Regulator
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com