Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AZ23C6V2 Datasheet (PDF) - Diodes Incorporated

AZ23C6V2 Datasheet PDF - Diodes Incorporated
Part # AZ23C6V2
Download  AZ23C6V2 Download

File Size   60.44 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mW DUAL SURFACE MOUNT ZENER DIODE

AZ23C6V2 Datasheet (PDF)

Go To PDF Page Download Datasheet
AZ23C6V2 Datasheet PDF - Diodes Incorporated

Part # AZ23C6V2
Download  AZ23C6V2 Click to download

File Size   60.44 Kbytes
Page   3 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 300mW DUAL SURFACE MOUNT ZENER DIODE

AZ23C6V2 Datasheet (HTML) - Diodes Incorporated

AZ23C6V2 Datasheet HTML 1Page - Diodes Incorporated AZ23C6V2 Datasheet HTML 2Page - Diodes Incorporated AZ23C6V2 Datasheet HTML 3Page - Diodes Incorporated

AZ23C6V2 Product details

Features
• Dual Zeners in Common Anode Configuration
• 300mW Power Dissipation Rating
• Ideally Suited for Automated Insertion
• ΔVZ for Both Diodes in One Case is  5%
• Common Cathode Style Available: See DZ23 Series
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• For automotive applications requiring specific change
   control (i.e.: parts qualified to AEC-Q100/101/200, PPAP
   capable, and manufactured in IATF 16949 certified facilities),
   please refer to the related automotive grade (Q-suffix) part.
   A listing can be found at
   https://www.diodes.com/products/automotive/automotiveproducts/.
• This part is qualified to JEDEC standards (as references in
   AEC-Q) for High Reliability.
   https://www.diodes.com/quality/product-definitions/




Similar Part No. - AZ23C6V2

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
AZ23C6V2 VISHAY-AZ23C6V2 Datasheet
54Kb / 4P
   300 mW Dual Surface Mount Zener Diodes
Rev. 1, 01-Apr-99
logo
Jiangsu Changjiang Elec...
AZ23C6V2 JIANGSU-AZ23C6V2 Datasheet
1Mb / 5P
   ZENER DIODE
logo
Diodes Incorporated
AZ23C6V2 DIODES-AZ23C6V2 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
logo
Diode Semiconductor Kor...
AZ23C6V2 DSK-AZ23C6V2 Datasheet
250Kb / 4P
   300 Mw Dual Surface Mount Zener Diodes
logo
Taiwan Semiconductor Co...
AZ23C6V2 TSC-AZ23C6V2 Datasheet
120Kb / 2P
   Dual Surface Mount Zener Diode
More results


Similar Description - AZ23C6V2

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DZ23CXX UTC-DZ23CXX Datasheet
136Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
logo
Diodes Incorporated
DZ23C2V7 DIODES-DZ23C2V7_10 Datasheet
87Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 18 - 2
AZ23C2V7 DIODES-AZ23C2V7_13 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C5V1-7 DIODES-DZ23C5V1-7 Datasheet
109Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C157 DIODES-AZ23C157 Datasheet
201Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7_15 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DZ23C2V7 DIODES-DZ23C2V7 Datasheet
60Kb / 3P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 8 - 2
DZ23C2V7 DIODES-DZ23C2V7_1 Datasheet
391Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18002 Rev. 14 - 2
DZ23C2V7 DIODES-DZ23C2V7_13 Datasheet
158Kb / 5P
   300mW DUAL SURFACE MOUNT ZENER DIODE
AZ23C2V7 DIODES-AZ23C2V7_1 Datasheet
448Kb / 4P
   300mW DUAL SURFACE MOUNT ZENER DIODE
DS18003 Rev. 9 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com