Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

813-IF120.0M-19A Datasheet (PDF) - Oscilent Corporation

813-IF120.0M-19A Datasheet PDF - Oscilent Corporation
Part # 813-IF120.0M-19A
Download  813-IF120.0M-19A Download

File Size   212.18 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 120.0 MHz IF SAW Filter 19.9 MHz Bandwidth

813-IF120.0M-19A Datasheet (PDF)

Go To PDF Page Download Datasheet
813-IF120.0M-19A Datasheet PDF - Oscilent Corporation

Part # 813-IF120.0M-19A
Download  813-IF120.0M-19A Click to download

File Size   212.18 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 120.0 MHz IF SAW Filter 19.9 MHz Bandwidth

813-IF120.0M-19A Datasheet (HTML) - Oscilent Corporation

813-IF120.0M-19A Datasheet HTML 1Page - Oscilent Corporation 813-IF120.0M-19A Datasheet HTML 2Page - Oscilent Corporation 813-IF120.0M-19A Datasheet HTML 3Page - Oscilent Corporation 813-IF120.0M-19A Datasheet HTML 4Page - Oscilent Corporation 813-IF120.0M-19A Datasheet HTML 5Page - Oscilent Corporation 813-IF120.0M-19A Datasheet HTML 6Page - Oscilent Corporation



Similar Part No. - 813-IF120.0M-19A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
813-IF120.0M-11B OSCILENT-813-IF120.0M-11B Datasheet
217Kb / 6P
   120.0MHz IF SAW Filter 11.47MHz Bandwidth
813-IF120.0M-14A OSCILENT-813-IF120.0M-14A Datasheet
223Kb / 6P
   120.0 MHz IF SAW Filter 14.35 MHz Bandwidth
813-IF120.0M-14B OSCILENT-813-IF120.0M-14B Datasheet
219Kb / 6P
   120.1 MHz IF SAW Filter 14.82 MHz Bandwidth
More results


Similar Description - 813-IF120.0M-19A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA12019AV TRANSKO-TA12019AV Datasheet
504Kb / 4P
   120.0 MHz IF SAW Filter / 19.9 MHz Bandwidth
Revision 0: 21. Nov. 2007
logo
Oscilent Corporation
821-IF120.0M-29B OSCILENT-821-IF120.0M-29B Datasheet
282Kb / 6P
   120.0 MHz IF SAW Filter 29.52 MHz Bandwidth
813-IF120.0M-14A OSCILENT-813-IF120.0M-14A Datasheet
223Kb / 6P
   120.0 MHz IF SAW Filter 14.35 MHz Bandwidth
logo
Transko Electronics, In...
TA12011BV TRANSKO-TA12011BV Datasheet
651Kb / 4P
   120.0 MHz IF SAW Filter / 11.47 MHz Bandwidth
Revision 0: 06. Mar. 2008
TF-012002-D70 TRANSKO-TF-012002-D70 Datasheet
589Kb / 4P
   120.0 MHz IF SAW Filter / 8.95 MHz Bandwidth
Revision 0: July 2013
TA12019DV TRANSKO-TA12019DV Datasheet
571Kb / 4P
   120.0 MHz IF SAW Filter / 19.48 MHz Bandwidth
Revision 0: 24. Dec. 2008
TA12029AD1 TRANSKO-TA12029AD1 Datasheet
561Kb / 4P
   120.0 MHz IF SAW Filter / 29.47 MHz Bandwidth
Revision 0: 26. Oct. 2009
logo
Oscilent Corporation
820-IF120.0M-16A OSCILENT-820-IF120.0M-16A Datasheet
227Kb / 6P
   120.0 MHz IF SAW Filter 16.13 MHz Bandwidth
820-IF120.0M-16B OSCILENT-820-IF120.0M-16B Datasheet
195Kb / 6P
   120.0 MHz IF SAW Filter 16.24 MHz Bandwidth
821-IF120.0M-C OSCILENT-821-IF120.0M-C_14 Datasheet
116Kb / 4P
   120.0 MHz IF SAW Filter 20.1 MHz Bandwidth
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com