Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LGE78D05 Datasheet (PDF) - Shenzhen Luguang Electronic Technology Co., Ltd

LGE78D05 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd
Part # LGE78D05
Download  LGE78D05 Download

File Size   451.26 Kbytes
Page   5 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Maximum Output current

LGE78D05 Datasheet (PDF)

Go To PDF Page Download Datasheet
LGE78D05 Datasheet PDF - Shenzhen Luguang Electronic Technology Co., Ltd

Part # LGE78D05
Download  LGE78D05 Click to download

File Size   451.26 Kbytes
Page   5 Pages
Manufacturer  LUGUANG [Shenzhen Luguang Electronic Technology Co., Ltd]
Direct Link  http://www.luguang.cn/web_en/index.html
Logo LUGUANG - Shenzhen Luguang Electronic Technology Co., Ltd
Description Maximum Output current

LGE78D05 Datasheet (HTML) - Shenzhen Luguang Electronic Technology Co., Ltd

LGE78D05 Datasheet HTML 1Page - Shenzhen Luguang Electronic Technology Co., Ltd LGE78D05 Datasheet HTML 2Page - Shenzhen Luguang Electronic Technology Co., Ltd LGE78D05 Datasheet HTML 3Page - Shenzhen Luguang Electronic Technology Co., Ltd LGE78D05 Datasheet HTML 4Page - Shenzhen Luguang Electronic Technology Co., Ltd LGE78D05 Datasheet HTML 5Page - Shenzhen Luguang Electronic Technology Co., Ltd



Similar Part No. - LGE78D05

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
LGE78D05 LUGUANG-LGE78D05 Datasheet
263Kb / 2P
   Three-terminal positive voltage regulator
More results


Similar Description - LGE78D05

ManufacturerPart #DatasheetDescription
logo
SHENZHEN KOO CHIN ELECT...
78L05 KOOCHIN-78L05 Datasheet
1,004Kb / 1P
   Maximum Output current
logo
SHANGHAI BELLING CO., L...
BL78L05D BELLING-BL78L05D Datasheet
113Kb / 3P
   Maximum Output current - 0.1A
logo
Advanced Monolithic Sys...
AMS3120 ADMOS-AMS3120 Datasheet
409Kb / 9P
   2A maximum output current
logo
Broadcom Corporation.
ACPL-P340 BOARDCOM-ACPL-P340 Datasheet
777Kb / 19P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3120 IXYS-IX3120 Datasheet
263Kb / 12P
   2.5A Maximum Peak Output Current
logo
Silicon Touch Technolog...
ST2226B SITI-ST2226B Datasheet
305Kb / 20P
   Maximum output current: 60 mA
logo
Broadcom Corporation.
ACPL-P345 BOARDCOM-ACPL-P345 Datasheet
1Mb / 17P
   1.0A maximum peak output current
logo
IXYS Corporation
IX3180 IXYS-IX3180 Datasheet
254Kb / 11P
   2.5A Maximum Peak Output Current
logo
Gamma Microelectronics ...
GM6250H GAMMA-GM6250H Datasheet
523Kb / 9P
   Maximum output current up 300mA
logo
Lineage Power Corporati...
FLT007A0 LINEAGEPOWER-FLT007A0 Datasheet
530Kb / 12P
   75Vdc Input Voltage Maximum, 7A Output Current Maximum
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com