Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB7.5CA Datasheet (PDF) - Bruckewell Technology LTD

P6SMB7.5CA Datasheet PDF - Bruckewell Technology LTD
Part # P6SMB7.5CA
Download  P6SMB7.5CA Download

File Size   250.51 Kbytes
Page   3 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

P6SMB7.5CA Datasheet (PDF)

Go To PDF Page Download Datasheet
P6SMB7.5CA Datasheet PDF - Bruckewell Technology LTD

Part # P6SMB7.5CA
Download  P6SMB7.5CA Click to download

File Size   250.51 Kbytes
Page   3 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR

P6SMB7.5CA Datasheet (HTML) - Bruckewell Technology LTD

P6SMB7.5CA Datasheet HTML 1Page - Bruckewell Technology LTD P6SMB7.5CA Datasheet HTML 2Page - Bruckewell Technology LTD P6SMB7.5CA Datasheet HTML 3Page - Bruckewell Technology LTD

P6SMB7.5CA Product details

FEATURES :
* 600W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less then 1.0 ps from 0 volt to VBR(min.)
* Typical IR less then 1μA above 10V
* Pb / RoHS Free




Similar Part No. - P6SMB7.5CA

ManufacturerPart #DatasheetDescription
logo
Guangdong Youtai Semico...
P6SMB7.5CA UMW-P6SMB7.5CA Datasheet
615Kb / 4P
   Low profile package
logo
Central Semiconductor C...
P6SMB7.5CA CENTRAL-P6SMB7.5CA Datasheet
91Kb / 2P
   BI-DIRECTIONAL GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR 600 WATTS, 6.8 THRU 200 VOLTS
logo
Shenzhen Luguang Electr...
P6SMB7.5CA LUGUANG-P6SMB7.5CA Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
P6SMB7.5CA LUGUANG-P6SMB7.5CA Datasheet
2Mb / 3P
   Transient Voltage Suppressors
logo
UN Semiconducctor INC
P6SMB7.5CA UNSEMI-P6SMB7.5CA Datasheet
3Mb / 7P
   6.8 To 600V 600W Surface Mount Transient Voltage Suppressors (TVS)
Revision March 1,2022
More results


Similar Description - P6SMB7.5CA

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SMBJ50 EIC-SMBJ50 Datasheet
110Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
STUB06I EIC-STUB06I_05 Datasheet
79Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Diotech Company.
3.0SMCJ5.0 DIOTECH-3.0SMCJ5.0 Datasheet
1Mb / 3P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
3.0SMCJ11 EIC-3.0SMCJ11 Datasheet
58Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
3.0SMCJ11C EIC-3.0SMCJ11C Datasheet
57Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
MIC GROUP RECTIFIERS
SMB5.0 MIC-SMB5.0 Datasheet
74Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Pan Jit International I...
SMF5.0A_SERIES PANJIT-SMF5.0A_SERIES_14 Datasheet
84Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Sangdest Microelectroni...
3.0SMCJ-GT3 SMC-3.0SMCJ-GT3 Datasheet
291Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
PACELEADER INDUSTRIAL
SMAJ PACELEADER-SMAJ Datasheet
4Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMBJ PACELEADER-SMBJ Datasheet
342Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
SMCJ PACELEADER-SMCJ Datasheet
349Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com