Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P4SMA250C Datasheet (PDF) - Bruckewell Technology LTD

P4SMA250C Datasheet PDF - Bruckewell Technology LTD
Part # P4SMA250C
Download  P4SMA250C Download

File Size   151.02 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

P4SMA250C Datasheet (PDF)

Go To PDF Page Download Datasheet
P4SMA250C Datasheet PDF - Bruckewell Technology LTD

Part # P4SMA250C
Download  P4SMA250C Click to download

File Size   151.02 Kbytes
Page   4 Pages
Manufacturer  BWTECH [Bruckewell Technology LTD]
Direct Link  http://www.bruckewell-semi.com
Logo BWTECH - Bruckewell Technology LTD
Description BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR

P4SMA250C Datasheet (HTML) - Bruckewell Technology LTD

P4SMA250C Datasheet HTML 1Page - Bruckewell Technology LTD P4SMA250C Datasheet HTML 2Page - Bruckewell Technology LTD P4SMA250C Datasheet HTML 3Page - Bruckewell Technology LTD P4SMA250C Datasheet HTML 4Page - Bruckewell Technology LTD

P4SMA250C Product details

VBR : 6.8 - 440 Volts
PPK : 400 Watts

FEATURES :
* 400W surge capability at 1ms
* Excellent clamping capability
* Low zener impedance
* Fast response time : typically less then 1.0 ps from 0 volt to V BR(min.)
* Typical IR less then 1μA above 10V
* Pb / RoHS Free




Similar Part No. - P4SMA250C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P4SMA250C PANJIT-P4SMA250C Datasheet
109Kb / 5P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Semikron International
P4SMA250C SEMIKRON-P4SMA250C Datasheet
373Kb / 2P
   Bidirectional Transient Voltage Suppressor diodes
logo
Socay Electornics Co., ...
P4SMA250CA SOCAY-P4SMA250CA Datasheet
3Mb / 56P
   Surface Mount Transient Voltage Suppressors (TVS)
P4SMA250CA SOCAY-P4SMA250CA Datasheet
580Kb / 6P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Littelfuse
P4SMA250CA LITTELFUSE-P4SMA250CA Datasheet
144Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
More results


Similar Description - P4SMA250C

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
QP6SMA27CA EIC-QP6SMA27CA Datasheet
313Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:January 29, 2016
logo
Solid States Devices, I...
T00003 SSDI-T00003 Datasheet
148Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP4SMA47CA EIC-QP4SMA47CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00 : March 14, 2016
5KP5.0C EIC-5KP5.0C Datasheet
119Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
QP6KE33CA EIC-QP6KE33CA Datasheet
298Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
1.5KE6.8CL EIC-1.5KE6.8CL Datasheet
68Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
Solid States Devices, I...
ST1.5KPS6.8 SSDI-ST1.5KPS6.8_1 Datasheet
128Kb / 4P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
logo
EIC discrete Semiconduc...
QP6KE36CA EIC-QP6KE36CA Datasheet
297Kb / 2P
   BI-DIRECTIONAL TRANSIENT VOLTAGE SUPPRESSOR
Rev. 00:September 8, 2015
logo
Will Semiconductor Ltd.
ESD56151D04 WILLSEMI-ESD56151D04 Datasheet
423Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
ESD5431Z WILLSEMI-ESD5431Z Datasheet
379Kb / 6P
   1-Line, Bi-directional, Transient Voltage Suppressor
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com