Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

821-IF87.5M-29A Datasheet (PDF) - Oscilent Corporation

821-IF87.5M-29A Datasheet PDF - Oscilent Corporation
Part # 821-IF87.5M-29A
Download  821-IF87.5M-29A Download

File Size   188.25 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 87.50 MHz IF SAW Filter 29.55 MHz Bandwidth

821-IF87.5M-29A Datasheet (PDF)

Go To PDF Page Download Datasheet
821-IF87.5M-29A Datasheet PDF - Oscilent Corporation

Part # 821-IF87.5M-29A
Download  821-IF87.5M-29A Click to download

File Size   188.25 Kbytes
Page   6 Pages
Manufacturer  OSCILENT [Oscilent Corporation]
Direct Link  http://www.oscilent.com
Logo OSCILENT - Oscilent Corporation
Description 87.50 MHz IF SAW Filter 29.55 MHz Bandwidth

821-IF87.5M-29A Datasheet (HTML) - Oscilent Corporation

821-IF87.5M-29A Datasheet HTML 1Page - Oscilent Corporation 821-IF87.5M-29A Datasheet HTML 2Page - Oscilent Corporation 821-IF87.5M-29A Datasheet HTML 3Page - Oscilent Corporation 821-IF87.5M-29A Datasheet HTML 4Page - Oscilent Corporation 821-IF87.5M-29A Datasheet HTML 5Page - Oscilent Corporation 821-IF87.5M-29A Datasheet HTML 6Page - Oscilent Corporation



Similar Part No. - 821-IF87.5M-29A

ManufacturerPart #DatasheetDescription
logo
Oscilent Corporation
821-IF80.0M-20A OSCILENT-821-IF80.0M-20A Datasheet
520Kb / 6P
   80.0 MHz IF SAW Filter 20.20 MHz Bandwidth
821-IF80.0M-20C OSCILENT-821-IF80.0M-20C Datasheet
215Kb / 6P
   80.0MHz IF SAW Filter 19.82 MHz Bandwidth
821-IF80.0M-29A OSCILENT-821-IF80.0M-29A Datasheet
221Kb / 6P
   80.0 MHz IF SAW Filter 29.65 MHz Bandwidth
821-IF80.0M-30A OSCILENT-821-IF80.0M-30A Datasheet
221Kb / 6P
   80.0 MHz IF SAW Filter 30.20 MHz Bandwidth.
821-IF80.0M-30B OSCILENT-821-IF80.0M-30B Datasheet
213Kb / 6P
   80.0 MHz IF SAW Filter 29.95 MHz Bandwidth
More results


Similar Description - 821-IF87.5M-29A

ManufacturerPart #DatasheetDescription
logo
Transko Electronics, In...
TA08729AD1 TRANSKO-TA08729AD1 Datasheet
627Kb / 4P
   87.50 MHz IF SAW Filter / 29.55 MHz Bandwidth
Revision 0: 13. May 2010
TA06529AD1 TRANSKO-TA06529AD1 Datasheet
523Kb / 4P
   65.0 MHz IF SAW Filter / 29.55 MHz Bandwidth
Revision 0: 26 Oct. 2009
logo
Oscilent Corporation
821-IF65.0M-29A OSCILENT-821-IF65.0M-29A Datasheet
220Kb / 6P
   65.0 MHz IF SAW Filter 29.55 MHz Bandwidth
logo
Transko Electronics, In...
TA06529AD TRANSKO-TA06529AD Datasheet
608Kb / 4P
   65.0 MHz IF SAW Filter / 29.55 MHz Bandwidth
Revision 0: 30. Nov. 2009
TL08731AV TRANSKO-TL08731AV Datasheet
596Kb / 4P
   87.50 MHz IF SAW Filter / 31.90 MHz Bandwidth
Revision 0: 22 Apr. 2011
logo
Oscilent Corporation
820-IF65.0M-29A OSCILENT-820-IF65.0M-29A Datasheet
226Kb / 6P
   65.0 MHz IF SAW Filter 29.55 MHz Bandwidth
813-SL87.5M-02A OSCILENT-813-SL87.5M-02A Datasheet
220Kb / 6P
   87.50 MHz IF SAW Filter 2.4 MHz Bandwidth
logo
Transko Electronics, In...
TL08702AV TRANSKO-TL08702AV Datasheet
558Kb / 4P
   87.50 MHz IF SAW Filter / 2.40 MHz Bandwidth
Revision 0: 05 Dec. 2008
TA08719AD1 TRANSKO-TA08719AD1 Datasheet
596Kb / 4P
   87.50 MHz IF SAW Filter / 19.50 MHz Bandwidth
Revision 0: 29. Jun. 2011
TA08720AV TRANSKO-TA08720AV Datasheet
661Kb / 4P
   87.50 MHz IF SAW Filter / 20.00 MHz Bandwidth
Revision 0: 29. Jun. 2011
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com