Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

289XX-PCN-001-A Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

289XX-PCN-001-A Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # 289XX-PCN-001-A
Download  289XX-PCN-001-A Download

File Size   60.27 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 14 X 20 MQFP Package Assembly Site Change

289XX-PCN-001-A Datasheet (PDF)

Go To PDF Page Download Datasheet
289XX-PCN-001-A Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # 289XX-PCN-001-A
Download  289XX-PCN-001-A Click to download

File Size   60.27 Kbytes
Page   2 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description 14 X 20 MQFP Package Assembly Site Change

289XX-PCN-001-A Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

289XX-PCN-001-A Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. 289XX-PCN-001-A Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.



Similar Part No. - 289XX-PCN-001-A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
289 ETC1-289 Datasheet
49Kb / 1P
   Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Littelfuse
289 LITTELFUSE-289 Datasheet
92Kb / 1P
   2AG Fast-Acting Type 224/225/288/289 Series
logo
Intronics Power, Inc.
289 INTRONICS-289 Datasheet
1Mb / 6P
   Precision, Wide Bandwidth, Synchronized Isolation Amplifier
logo
Fluke Corporation
289 FLUKE-289 Datasheet
2Mb / 88P
   True-rms Digital Multimeters
Rev. 1, 7/08
logo
Alpha Wire
289 ALPHAWIRE-289 Datasheet
97Kb / 3P
   Customer Specification
2/23/2023
More results


Similar Description - 289XX-PCN-001-A

ManufacturerPart #DatasheetDescription
logo
Amkor Technology
MQFP AMKOR-MQFP Datasheet
389Kb / 2P
   Amkor?셲 MQFP IC package portfolio provides
logo
Texas Instruments
TLV5638-EP TI-TLV5638-EP Datasheet
626Kb / 20P
[Old version datasheet]   Controlled Baseline One Assembly/Test Site, One Fabrication Site
logo
Molex Electronics Ltd.
130111-0036 MOLEX11-130111-0036 Datasheet
31Kb / 1P
   LITE-A-SITE Guy Wire Assembly
1301110037 MOLEX11-1301110037 Datasheet
60Kb / 1P
   LITE-A-SITE Socket/Guard Assembly
130111-0037 MOLEX11-130111-0037 Datasheet
31Kb / 1P
   LITE-A-SITE Socket/Guard Assembly
logo
PHOENIX CONTACT
1620019 PHOENIX-1620019 Datasheet
74Kb / 3P
   Connector for flexible on-site assembly
logo
Molex Electronics Ltd.
1301110036 MOLEX11-1301110036 Datasheet
43Kb / 1P
   LITE-A-SITE Guy Wire Assembly
logo
M/A-COM Technology Solu...
628702A MA-COM-628702A Datasheet
33Kb / 2P
   Test Site Transfer
logo
Advanced Crystal Techno...
OX1210 ACT-OX1210 Datasheet
271Kb / 3P
   DIL 14 package OCXO, Sine wave, HCMOS, 22.7 x 15.1 x 11.0mm
01/06/2017
OX210 ACT-OX210 Datasheet
252Kb / 3P
   DIL 14 package OCXO, Sine wave, HCMOS, 20.7 x 13.1 x 8.5mm
01/06/2017
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com