Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RS3K Datasheet (PDF) - Diodes Incorporated

RS3K Datasheet PDF - Diodes Incorporated
Part # RS3K
Download  RS3K Download

File Size   46.63 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER

RS3K Datasheet (PDF)

Go To PDF Page Download Datasheet
RS3K Datasheet PDF - Diodes Incorporated

Part # RS3K
Download  RS3K Click to download

File Size   46.63 Kbytes
Page   2 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 3.0A SURFACE MOUNT SUPER-FAST RECOVERY RECTIFIER

RS3K Datasheet (HTML) - Diodes Incorporated

RS3K Datasheet HTML 1Page - Diodes Incorporated RS3K Datasheet HTML 2Page - Diodes Incorporated

RS3K Product details

Features

• Glass Passivated Die Construction

• Fast Recovery Time for High Efficiency

• Low Forward Voltage Drop and High Current Capability

• Surge Overload Rating to 100A Peak

• Ideally Suited for Automatic Assembly

• Plastic Material: UL Flammability Classification Rating 94V-0



 




Similar Part No. - RS3K

ManufacturerPart #DatasheetDescription
logo
Shanghai Sunrise Electr...
RS3K SSE-RS3K Datasheet
17Kb / 1P
   SURFACE MOUNT FAST SWITCHING RECTIFIER
logo
Gaomi Xinghe Electronic...
RS3K GXELECTRONICS-RS3K Datasheet
477Kb / 2P
   Surface Mount Fast Recovery Rectifier
logo
Weitron Technology
RS3K WEITRON-RS3K Datasheet
84Kb / 3P
   Surface Mount Fast Recovery Rectifiers
logo
RFE international
RS3K RFE-RS3K Datasheet
149Kb / 1P
   SURFACE MOUNT: General Purpose, Fast Recovery, & Super Fast Recovery
REV 2001
logo
Rugao Dachang Electroni...
RS3K DACHANG-RS3K Datasheet
118Kb / 2P
   Surface Mount Fast Recover Rectifier
More results


Similar Description - RS3K

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
logo
Won-Top Electronics
ER3A WTE-ER3A Datasheet
51Kb / 3P
   3.0A SURFACE MOUNT SUPER FAST RECTIFIER
logo
Diodes Incorporated
RS3J-13 DIODES-RS3J-13 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
MURS320 DIODES-MURS320 Datasheet
64Kb / 2P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. A-0
ES3A DIODES-ES3A_10 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 15 - 2
ES3DB-13 DIODES-ES3DB-13 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
RS3AB DIODES-RS3AB_15 Datasheet
121Kb / 4P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Shenzhen Yixinwei Techn...
RS3AB YIXIN-RS3AB Datasheet
143Kb / 2P
   3.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Diodes Incorporated
ES3B-13 DIODES-ES3B-13 Datasheet
122Kb / 4P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
MURS320 DIODES-MURS320_1 Datasheet
235Kb / 3P
   3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS30197 Rev. 4 - 2
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com