Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GAL22V10D-15LPI Datasheet (PDF) - Lattice Semiconductor

GAL22V10D-15LPI Datasheet PDF - Lattice Semiconductor
Part # GAL22V10D-15LPI
Download  GAL22V10D-15LPI Download

File Size   718.73 Kbytes
Page   23 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description GAL 22V10 Device Datasheet

GAL22V10D-15LPI Datasheet (PDF)

Go To PDF Page Download Datasheet
GAL22V10D-15LPI Datasheet PDF - Lattice Semiconductor

Part # GAL22V10D-15LPI
Download  GAL22V10D-15LPI Click to download

File Size   718.73 Kbytes
Page   23 Pages
Manufacturer  LATTICE [Lattice Semiconductor]
Direct Link  http://www.latticesemi.com
Logo LATTICE - Lattice Semiconductor
Description GAL 22V10 Device Datasheet

GAL22V10D-15LPI Datasheet (HTML) - Lattice Semiconductor

Back Button GAL22V10D-15LPI Datasheet HTML 1Page - Lattice Semiconductor GAL22V10D-15LPI Datasheet HTML 2Page - Lattice Semiconductor GAL22V10D-15LPI Datasheet HTML 3Page - Lattice Semiconductor GAL22V10D-15LPI Datasheet HTML 4Page - Lattice Semiconductor GAL22V10D-15LPI Datasheet HTML 5Page - Lattice Semiconductor GAL22V10D-15LPI Datasheet HTML 6Page - Lattice Semiconductor GAL22V10D-15LPI Datasheet HTML 7Page - Lattice Semiconductor GAL22V10D-15LPI Datasheet HTML 8Page - Lattice Semiconductor GAL22V10D-15LPI Datasheet HTML 9Page - Lattice Semiconductor GAL22V10D-15LPI Datasheet HTML 10Page - Lattice Semiconductor Next Button 

GAL22V10D-15LPI Product details

Description
The GAL22V10, at 4ns maximum propagation delay time, combines a high performance CMOS process with Electrically Erasable (E2) floating gate technology to provide the highest performance available of any 22V10 device on the market. CMOS circuitry allows the GAL22V10 to consume much less power when compared to bipolar 22V10 devices. E2 technology offers high speed (<100ms) erase times, providing the ability to reprogram or reconfigure the device quickly and efficiently.

Features
• HIGH PERFORMANCE E2CMOS® TECHNOLOGY
    — 4 ns Maximum Propagation Delay
    — Fmax = 250 MHz
    — 3.5 ns Maximum from Clock Input to Data Output
    — UltraMOS® Advanced CMOS Technology
• ACTIVE PULL-UPS ON ALL PINS
• COMPATIBLE WITH STANDARD 22V10 DEVICES
    — Fully Function/Fuse-Map/Parametric Compatible with Bipolar and UVCMOS 22V10 Devices
• 50% to 75% REDUCTION IN POWER VERSUS BIPOLAR
    — 90mA Typical Icc on Low Power Device
    — 45mA Typical Icc on Quarter Power Device
• E2 CELL TECHNOLOGY
    — Reconfigurable Logic
    — Reprogrammable Cells
    — 100% Tested/100% Yields
    — High Speed Electrical Erasure (<100ms)
    — 20 Year Data Retention
• TEN OUTPUT LOGIC MACROCELLS
    — Maximum Flexibility for Complex Logic Designs
• PRELOAD AND POWER-ON RESET OF REGISTERS
    — 100% Functional Testability
• APPLICATIONS INCLUDE:
    — DMA Control
    — State Machine Control
    — High Speed Graphics Processing
    — Standard Logic Speed Upgrade
• ELECTRONIC SIGNATURE FOR IDENTIFICATION




Similar Part No. - GAL22V10D-15LPI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
GAL22V10D-15LPI LATTICE-GAL22V10D-15LPI Datasheet
386Kb / 29P
   High Performance E2CMOS PLD Generic Array Logic
GAL22V10D-15LPI LATTICE-GAL22V10D-15LPI Datasheet
718Kb / 23P
   Product Change Notifications (PCNs) have been issued to discontinue all devices in this data sheet.
GAL22V10D-15LPI LATTICE-GAL22V10D-15LPI Datasheet
718Kb / 23P
   All Devices Discontinued
GAL22V10D-15LPI LATTICE-GAL22V10D-15LPI Datasheet
718Kb / 23P
   All Devices Discontinued
More results


Similar Description - GAL22V10D-15LPI

ManufacturerPart #DatasheetDescription
logo
Lattice Semiconductor
ISPGDX2VBC LATTICE-ISPGDX2VBC Datasheet
899Kb / 75P
   ispGDX2??Device Datasheet
logo
Altera Corporation
EP4CGX75CF23C8N ALTERA-EP4CGX75CF23C8N Datasheet
704Kb / 42P
   Cyclone IV Device Datasheet
EP3C5E144I7 ALTERA-EP3C5E144I7 Datasheet
849Kb / 34P
   Cyclone III Device Datasheet
EP3C40F780C6N ALTERA-EP3C40F780C6N Datasheet
848Kb / 34P
   Cyclone III Device Datasheet
EP4CE15F17C8N ALTERA-EP4CE15F17C8N Datasheet
710Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C7N ALTERA-EP4CE10F17C7N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
logo
Intel Corporation
CV-51002 INTEL-CV-51002 Datasheet
945Kb / 93P
   Cyclone V Device Datasheet
logo
Altera Corporation
5CEBA5F23C7N ALTERA-5CEBA5F23C7N Datasheet
1Mb / 58P
   Cyclone V Device Datasheet
EP4CGX30CF23C8N ALTERA-EP4CGX30CF23C8N Datasheet
678Kb / 42P
   Cyclone IV Device Datasheet
EP4CE10F17C8N ALTERA-EP4CE10F17C8N Datasheet
697Kb / 42P
   Cyclone IV Device Datasheet
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com