Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6SMB220CA Datasheet (PDF) - Socay Electornics Co., Ltd.

P6SMB220CA Datasheet PDF - Socay Electornics Co., Ltd.
Part # P6SMB220CA
Download  P6SMB220CA Download

File Size   580.41 Kbytes
Page   6 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Surface Mount Transient Voltage Suppressors (TVS)

P6SMB220CA Datasheet (PDF)

Go To PDF Page Download Datasheet
P6SMB220CA Datasheet PDF - Socay Electornics Co., Ltd.

Part # P6SMB220CA
Download  P6SMB220CA Click to download

File Size   580.41 Kbytes
Page   6 Pages
Manufacturer  SOCAY [Socay Electornics Co., Ltd.]
Direct Link  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.
Description Surface Mount Transient Voltage Suppressors (TVS)

P6SMB220CA Datasheet (HTML) - Socay Electornics Co., Ltd.

P6SMB220CA Datasheet HTML 1Page - Socay Electornics Co., Ltd. P6SMB220CA Datasheet HTML 2Page - Socay Electornics Co., Ltd. P6SMB220CA Datasheet HTML 3Page - Socay Electornics Co., Ltd. P6SMB220CA Datasheet HTML 4Page - Socay Electornics Co., Ltd. P6SMB220CA Datasheet HTML 5Page - Socay Electornics Co., Ltd. P6SMB220CA Datasheet HTML 6Page - Socay Electornics Co., Ltd.

P6SMB220CA Product details

Description
The P6SMB series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events

Features
✦ For surface mounted applications in order to optimize board space
✦ Low leakage
✦ Uni and Bidirectional unit
✦ Glass passivated junction
✦ Low inductance
✦ Excellent clamping capability
✦ 600W Peak power capability at 10 × 1000µs waveform Repetition rate
   (duty cycle):0.01%
✦ Fast response time: typically less than 1.0ps from 0 Volts to VBR min
✦ Typical IR less than 5μA above 12V.
✦ High Temperature soldering: 260°C/40 seconds at terminals
✦ Typical maximum temperature coefficient ΔVBR = 0.1% ×
   VBR@25°C× ΔT
✦ Plastic package has Underwriters Laboratory Flammability 94V-0
✦ Matte tin lead–free Plated
✦ Halogen free and RoHS compliant
✦ Typical failure mode is short from over-specified voltage or current
✦ Whisker test is conducted based on JEDEC JESD201A per its table
   4a and 4c
✦ IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)
✦ ESD protection of data lines in accordance with IEC 61000-4-2
   (IEC801-2)
✦ EFT protection of data lines in accordance with IEC 61000-4-4
   (IEC801-4)

Applications
   TVS devices are ideal for the protection of I/O interfaces, VCC
   bus and other vulnerable circuits used in Telecom, Computer,
   Industrial and Consumer electronic applications.




Similar Part No. - P6SMB220CA

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
P6SMB220CA TSC-P6SMB220CA Datasheet
69Kb / 4P
   Surface Mount Transient Voltage Suppressor
logo
Guangdong Youtai Semico...
P6SMB220CA UMW-P6SMB220CA Datasheet
615Kb / 4P
   Low profile package
logo
Shenzhen Luguang Electr...
P6SMB220CA LUGUANG-P6SMB220CA Datasheet
206Kb / 3P
   Glass Passivated Junction Transient Voltage Suppressor
P6SMB220CA LUGUANG-P6SMB220CA Datasheet
2Mb / 3P
   Transient Voltage Suppressors
logo
Weitron Technology
P6SMB220CA WEITRON-P6SMB220CA Datasheet
97Kb / 4P
   600W Surface Mount Transient Voltage Suppressors
More results


Similar Description - P6SMB220CA

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMBJ60A SOCAY-SMBJ60A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ64CA SOCAY-SMBJ64CA Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ75 SOCAY-SMBJ75 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ78A SOCAY-SMBJ78A Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80 SOCAY-SMBJ80 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ80C SOCAY-SMBJ80C Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ85 SOCAY-SMBJ85 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMBJ90 SOCAY-SMBJ90 Datasheet
620Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.0 SOCAY-SMAJ6.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ6.5CA SOCAY-SMAJ6.5CA Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
SMAJ7.0 SOCAY-SMAJ7.0 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com