Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RL202G Datasheet (PDF) - Cystech Electonics Corp.

RL202G Datasheet PDF - Cystech Electonics Corp.
Part # RL202G
Download  RL202G Download

File Size   161.36 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Glass Passivated Junction Rectifiers

RL202G Datasheet (PDF)

Go To PDF Page Download Datasheet
RL202G Datasheet PDF - Cystech Electonics Corp.

Part # RL202G
Download  RL202G Click to download

File Size   161.36 Kbytes
Page   3 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Glass Passivated Junction Rectifiers

RL202G Datasheet (HTML) - Cystech Electonics Corp.

RL202G Datasheet HTML 1Page - Cystech Electonics Corp. RL202G Datasheet HTML 2Page - Cystech Electonics Corp. RL202G Datasheet HTML 3Page - Cystech Electonics Corp.

RL202G Product details

Features
• Low forward voltage drop
• High current capability
• High reliability
• High surge current capability
• The plastic material carries UL recognition 94V-0




Similar Part No. - RL202G

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
RL202G RECTRON-RL202G Datasheet
23Kb / 2P
   GLASS PASSIVATED JUNCTION PLASTIC RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 2.0 Amperes)
logo
Changzhou Shunye Electr...
RL202G SY-RL202G Datasheet
1,021Kb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Shunye Enterprise
RL202G SHUNYE-RL202G Datasheet
1Mb / 2P
   GLASS PASSIVATED SILICON RECTIFIER
logo
Jinan Gude Electronic D...
RL202G JGD-RL202G Datasheet
128Kb / 2P
   2.0 AMPS. GLASS PASSIVATED RECTIFIERS
logo
Rugao Dachang Electroni...
RL202G DACHANG-RL202G Datasheet
118Kb / 2P
   General Purpose Plastic Rectifier Reverse Voltage 50 to 1000 V Forward Current 2.0 A
More results


Similar Description - RL202G

ManufacturerPart #DatasheetDescription
logo
Surge Components
1N5391G-1N5399G SURGE-1N5391G-1N5399G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
GOOD-ARK Electronics
1G1 GOOD-ARK-1G1_15 Datasheet
116Kb / 2P
   Glass Passivated Junction Rectifiers
logo
Vishay Siliconix
GPP20A VISHAY-GPP20A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
15-Mar-02
logo
Compact Technology Corp...
1N4001G CTC-1N4001G_15 Datasheet
69Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
1N4001G CTC-1N4001G Datasheet
50Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Vishay Siliconix
GP10A VISHAY-GP10A Datasheet
30Kb / 2P
   Glass Passivated Junction Rectifiers
5-Mar-02
GPP10A VISHAY-GPP10A Datasheet
19Kb / 2P
   Glass Passivated Junction Rectifiers
18-Mar-02
logo
Compact Technology Corp...
CT2A01G CTC-CT2A01G Datasheet
164Kb / 2P
   GLASS PASSIVATED JUNCTION RECTIFIERS
logo
Surge Components
1N4001G-1N4007G SURGE-1N4001G-1N4007G Datasheet
1Mb / 2P
   Glass Passivated Junction Rectifiers
logo
EIC discrete Semiconduc...
1N5400G EIC-1N5400G Datasheet
16Kb / 2P
   GLASS PASSIVATED JUNCTION SILICON RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com