Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMAJ33 Datasheet (PDF) - Cystech Electonics Corp.

SMAJ33 Datasheet PDF - Cystech Electonics Corp.
Part # SMAJ33
Download  SMAJ33 Download

File Size   1089.07 Kbytes
Page   9 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Surface Mount Transient Voltage Suppressors

SMAJ33 Datasheet (PDF)

Go To PDF Page Download Datasheet
SMAJ33 Datasheet PDF - Cystech Electonics Corp.

Part # SMAJ33
Download  SMAJ33 Click to download

File Size   1089.07 Kbytes
Page   9 Pages
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.
Description Surface Mount Transient Voltage Suppressors

SMAJ33 Datasheet (HTML) - Cystech Electonics Corp.

SMAJ33 Datasheet HTML 1Page - Cystech Electonics Corp. SMAJ33 Datasheet HTML 2Page - Cystech Electonics Corp. SMAJ33 Datasheet HTML 3Page - Cystech Electonics Corp. SMAJ33 Datasheet HTML 4Page - Cystech Electonics Corp. SMAJ33 Datasheet HTML 5Page - Cystech Electonics Corp. SMAJ33 Datasheet HTML 6Page - Cystech Electonics Corp. SMAJ33 Datasheet HTML 7Page - Cystech Electonics Corp. SMAJ33 Datasheet HTML 8Page - Cystech Electonics Corp. SMAJ33 Datasheet HTML 9Page - Cystech Electonics Corp.

SMAJ33 Product details

Peak Pulse Power 400W Stand Off Voltage 5.0 to 440V



Features

• Low profile package with built-in strain relief for surface mounted applications

• Plastic package has UL flammability classification 94V-0

• Ideal for ESD protection of data line in accordance with IEC1000-4-2 (IEC801-2)

• Ideal for EFT protection of data line in accordance with IEC1000-4-4 (IEC801-4)

• Very-fast response time

• Optimized for LAN protection applications

• Low incremental surge resistance, excellent clamping capability

• Glass passivated junction

• High temperature soldering guaranteed: 250°C/10seconds at terminals

• 400W peak pulse power capability with a 10/1000μs waveform, repetition rate (duty cycle) : 0.01% (300W above 78V)



 




Similar Part No. - SMAJ33

ManufacturerPart #DatasheetDescription
logo
Socay Electornics Co., ...
SMAJ33 SOCAY-SMAJ33 Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Jinan Gude Electronic D...
SMAJ33 JGD-SMAJ33 Datasheet
313Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
First Silicon Co., Ltd
SMAJ33 FS-SMAJ33 Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
logo
Vishay Siliconix
SMAJ33 VISHAY-SMAJ33 Datasheet
100Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 29-Oct-08
logo
RFE international
SMAJ33 RFE-SMAJ33 Datasheet
55Kb / 1P
   SURFACE MOUNT TVS DIODE Electrical Characteristics, 33 to 170 Volts
More results


Similar Description - SMAJ33

ManufacturerPart #DatasheetDescription
logo
Bytes
SMAJ BYTES-SMAJ Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMBJ BYTES-SMBJ Datasheet
338Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
SMCJ BYTES-SMCJ Datasheet
337Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
Silicon Standard Corp.
P4SMA6.8A SSC-P4SMA6.8A Datasheet
348Kb / 4P
   Surface Mount Transient Voltage Suppressors
P4SMAX SSC-P4SMAX Datasheet
354Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
GOOD-ARK Electronics
P6SMB6.8A GOOD-ARK-P6SMB6.8A Datasheet
253Kb / 3P
   Surface Mount Transient Voltage Suppressors
SMBJ5.0 GOOD-ARK-SMBJ5.0 Datasheet
235Kb / 4P
   Surface Mount Transient Voltage Suppressors
logo
List of Unclassifed Man...
SMAJ5.0 ETC-SMAJ5.0 Datasheet
336Kb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSORS
logo
NIC-Components Corp.
NVS NIC-NVS Datasheet
75Kb / 2P
   Surface Mount Transient Voltage Suppressors
logo
Cystech Electonics Corp...
SMBJ5.0 CYSTEKEC-SMBJ5.0 Datasheet
471Kb / 9P
   Surface Mount Transient Voltage Suppressors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com