Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NC2-PS Datasheet (PDF) - Panasonic Semiconductor

NC2-PS Datasheet PDF - Panasonic Semiconductor
Part # NC2-PS
Download  NC2-PS Download

File Size   269.41 Kbytes
Page   10 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Transistor drive 2c/4c 5A slim power relays

NC2-PS Datasheet (PDF)

Go To PDF Page Download Datasheet
NC2-PS Datasheet PDF - Panasonic Semiconductor

Part # NC2-PS
Download  NC2-PS Click to download

File Size   269.41 Kbytes
Page   10 Pages
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor
Description Transistor drive 2c/4c 5A slim power relays

NC2-PS Datasheet (HTML) - Panasonic Semiconductor

NC2-PS Datasheet HTML 1Page - Panasonic Semiconductor NC2-PS Datasheet HTML 2Page - Panasonic Semiconductor NC2-PS Datasheet HTML 3Page - Panasonic Semiconductor NC2-PS Datasheet HTML 4Page - Panasonic Semiconductor NC2-PS Datasheet HTML 5Page - Panasonic Semiconductor NC2-PS Datasheet HTML 6Page - Panasonic Semiconductor NC2-PS Datasheet HTML 7Page - Panasonic Semiconductor NC2-PS Datasheet HTML 8Page - Panasonic Semiconductor NC2-PS Datasheet HTML 9Page - Panasonic Semiconductor NC2-PS Datasheet HTML 10Page - Panasonic Semiconductor

NC2-PS Product details

FEATURES
1. Compact, slim design
   Use of high-performance flat
   electromagnetic design achieves
   10.9 mm .429 inch profile, flat type thin
   package. Slim type, with width of
   11.2 mm .441 inch, enables high-density
   mounting on PC boards.
2. High reliability
   Provides stable contact pressure needed
   for card lift-off contact driver method. The
   use of Ac clad twin contacts provides
   stable contact resistance and ensures
   high contact reliability.
3. Compatible with all major safety standards
   UL and CSA certified, and complies with
   Japanese Electrical Appliance and
   Material Control Law.
4. Socket and terminal are available.

TYPICAL APPLICATIONS
1. Information processing and telecom
   equipment such as computers and
   terminal devices.
2. Gas hot air heating equipment and
   air conditioners.
3. Timer, temperature controller and
   other equipment that requires form
   factor reduction.
4. Transmission and measuring
   devices such as facsimile machines
   and electronic counting devices.
5. Control panels for industrial
   equipment such as machine tools,
   factory automation devices, and NC
   machines.




Similar Part No. - NC2-PS

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
NC20 AVX-NC20 Datasheet
200Kb / 5P
   NTC SMD Thermistors
logo
Turck, Inc.
NC20-KT34-VP4X2 TURCK-NC20-KT34-VP4X2 Datasheet
254Kb / 3P
   Capacitive Sensor
11/07/2023
logo
Tripp Lite. All Rights ...
NC2003SR TRIPPLITE-NC2003SR Datasheet
476Kb / 2P
   Notebook Cooling Pad - Notebook-Laptop Computer Security and Stands
logo
AVX Corporation
NC20I00182 AVX-NC20I00182 Datasheet
200Kb / 5P
   NTC SMD Thermistors
NC20I00222 AVX-NC20I00222 Datasheet
200Kb / 5P
   NTC SMD Thermistors
More results


Similar Description - NC2-PS

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
NC2EBD-JP-DC5V PANASONIC-NC2EBD-JP-DC5V Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Battery Group
NC PANASONICBATTERY-NC Datasheet
269Kb / 10P
   Transistor drive 2c/4c 5A slim power relays
logo
Panasonic Semiconductor
SP4-SF PANASONIC-SP4-SF Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP4-P-DC24V PANASONIC-SP4-P-DC24V Datasheet
91Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Battery Group
SP PANASONICBATTERY-SP Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
logo
Panasonic Semiconductor
SP2-PS PANASONIC-SP2-PS Datasheet
86Kb / 5P
   2c 15A, 4c 10A polarized power relays
SP2-P-DC24V PANASONIC-SP2-P-DC24V Datasheet
111Kb / 6P
   2c 15A, 4c 10A polarized power relays
logo
Nais(Matsushita Electri...
SP-RELAYS NAIS-SP-RELAYS Datasheet
198Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
SP2-DC3V NAIS-SP2-DC3V Datasheet
193Kb / 6P
   15A (2C), 10A (4C) COMPACT POWER RELAYS WITH HIGH SENSITIVITY
logo
Panasonic Semiconductor
HJ2-L-AC100V PANASONIC-HJ2-L-AC100V Datasheet
136Kb / 8P
   Relay for control panel of 2c 7A and 4c 5A
More results




About Panasonic Semiconductor


Panasonic Semiconductor is a subsidiary of Panasonic Corporation, a Japanese electronics company.
Panasonic Semiconductor provides a wide range of products including microcontrollers, sensors, power management ICs, and other electronic components for various applications in the automotive, industrial, and consumer markets.
The company is known for its focus on quality and reliability, and its products are widely used in power management, lighting, and other applications.
Panasonic Semiconductor has operations in several countries and is one of the leading suppliers of electronic components in the Asia-Pacific region.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com