Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DK015L Datasheet (PDF) - Littelfuse

DK015L Datasheet PDF - Littelfuse
Part # DK015L
Download  DK015L Download

File Size   109.57 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Teccor manufactures 15 A rms to 25 A rms rectifiers

DK015L Datasheet (PDF)

Go To PDF Page Download Datasheet
DK015L Datasheet PDF - Littelfuse

Part # DK015L
Download  DK015L Click to download

File Size   109.57 Kbytes
Page   4 Pages
Manufacturer  LITTELFUSE [Littelfuse]
Direct Link  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse
Description Teccor manufactures 15 A rms to 25 A rms rectifiers

DK015L Datasheet (HTML) - Littelfuse

DK015L Datasheet HTML 1Page - Littelfuse DK015L Datasheet HTML 2Page - Littelfuse DK015L Datasheet HTML 3Page - Littelfuse DK015L Datasheet HTML 4Page - Littelfuse



Similar Part No. - DK015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
DK015L LITTELFUSE-DK015L Datasheet
103Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
DK015L59 LITTELFUSE-DK015L59 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
DK015L59 LITTELFUSE-DK015L59 Datasheet
312Kb / 5P
   Dxx15L & Dxx20L & Dxx25L Series
January 10, 2022
More results


Similar Description - DK015L

ManufacturerPart #DatasheetDescription
logo
Littelfuse
D2025 LITTELFUSE-D2025 Datasheet
103Kb / 4P
   Teccor manufactures 15 A rms to 25 A rms rectifiers with voltages rated from 200V to 1000V
logo
Vishay Siliconix
VS-2N681 VISHAY-VS-2N681 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
Revision: 19-Nov-15
VS-2N681 VISHAY-VS-2N681_V01 Datasheet
167Kb / 8P
   Phase Control Thyristor RMS SCRs, 25 A, 35 A
01-Jan-2022
logo
ON Semiconductor
2N5064G ONSEMI-2N5064G Datasheet
124Kb / 8P
   SILICON CONTROLLED RECTIFIERS 0.8 A RMS, 30 ??200 V
September, 2011 ??Rev. 10
logo
New Jersey Semi-Conduct...
2N1909 NJSEMI-2N1909 Datasheet
131Kb / 1P
   High Power Silicon Controlled Rectifier 110 A RMS 25 to 1200 Volts
logo
Littelfuse
D8015L56 LITTELFUSE-D8015L56 Datasheet
598Kb / 5P
   Teccor brand Thyristors 15 / 20 / 25 Amp Rectifiers
logo
Fluke Corporation
353 FLUKE-353 Datasheet
485Kb / 3P
   True-rms 2000 A Clamp Meters
logo
Nihon Inter Electronics...
PHA15DW2RP NIEC-PHA15DW2RP Datasheet
313Kb / 3P
   SSR - 240V 15/25A (RMS)
logo
Digitron Semiconductors
2N4212 DIGITRON-2N4212 Datasheet
124Kb / 2P
   SILICON CONTROLLED RECTIFIERS 1.6 AMPS RMS, 25-400 VOLTS
logo
International Rectifier
2N687 IRF-2N687 Datasheet
208Kb / 7P
   25 and 35 Amp RMS SCRs?
More results




About Littelfuse


Littelfuse is an American company that specializes in the design and manufacture of circuit protection and control products.
The company was founded in 1927 and is headquartered in Chicago, Illinois.
Littelfuse provides a wide range of products including fuses, protection and control devices, and polymeric products.
The company's products are used in various applications such as automotive, industrial, and consumer electronics.
Littelfuse is known for its expertise in circuit protection and control technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized solutions that meet their specific requirements and needs.
In addition to its core business, Littelfuse also provides solutions for the renewable energy and data center markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com