Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DS501ST04 Datasheet (PDF) - Dynex Semiconductor

DS501ST04 Datasheet PDF - Dynex Semiconductor
Part # DS501ST04
Download  DS501ST04 Download

File Size   91.51 Kbytes
Page   6 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Rectifier Diode

DS501ST04 Datasheet (PDF)

Go To PDF Page Download Datasheet
DS501ST04 Datasheet PDF - Dynex Semiconductor

Part # DS501ST04
Download  DS501ST04 Click to download

File Size   91.51 Kbytes
Page   6 Pages
Manufacturer  DYNEX [Dynex Semiconductor]
Direct Link  http://www.dynexsemi.com
Logo DYNEX - Dynex Semiconductor
Description Rectifier Diode

DS501ST04 Datasheet (HTML) - Dynex Semiconductor

DS501ST04 Datasheet HTML 1Page - Dynex Semiconductor DS501ST04 Datasheet HTML 2Page - Dynex Semiconductor DS501ST04 Datasheet HTML 3Page - Dynex Semiconductor DS501ST04 Datasheet HTML 4Page - Dynex Semiconductor DS501ST04 Datasheet HTML 5Page - Dynex Semiconductor DS501ST04 Datasheet HTML 6Page - Dynex Semiconductor

DS501ST04 Product details

KEY PARAMETERS

  VRRM 600V

  IF(AV) 940A

  IFSM 11000A

 

FEATURES

■ Double Side Cooling

■ High Surge Capability



APPLICATIONS

■ Rectification

■ Freewheel Diode

■ DC Motor Control

■ Power Supplies

■ Welding

■ Battery Chargers



 




Similar Part No. - DS501ST04

ManufacturerPart #DatasheetDescription
logo
Lumileds Lighting Compa...
DS50 LUMILEDS-DS50 Datasheet
600Kb / 11P
   power light source LUXEON짰 Flash Module
logo
SICK AG
DS50-N1112 SICK-DS50-N1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DS50-N1122 SICK-DS50-N1122 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DS50-P1112 SICK-DS50-P1112 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
DS50-P1122 SICK-DS50-P1122 Datasheet
573Kb / 6P
   MID RANGE DISTANCE SENSORS
More results


Similar Description - DS501ST04

ManufacturerPart #DatasheetDescription
logo
Rohm
1SR154-400 ROHM-1SR154-400_1 Datasheet
136Kb / 4P
   Rectifier diode
logo
eupec GmbH
D1481N EUPEC-D1481N Datasheet
217Kb / 8P
   Rectifier Diode
logo
SEMPO ELECTRONIC Limite...
SMDCX-3000 SEMPO-SMDCX-3000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMDCX-2000 SEMPO-SMDCX-2000 Datasheet
50Kb / 1P
   RECTIFIER DIODE
SMD-12 SEMPO-SMD-12 Datasheet
37Kb / 1P
   Rectifier Diode
SMDCX-300 SEMPO-SMDCX-300 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-400 SEMPO-SMDCX-400 Datasheet
49Kb / 1P
   Rectifier Diode
SMDCX-500 SEMPO-SMDCX-500 Datasheet
49Kb / 1P
   Rectifier Diode
logo
Semikron International
SK3 SEMIKRON-SK3 Datasheet
317Kb / 3P
   Rectifier Diode
logo
Rohm
1SR139-600 ROHM-1SR139-600 Datasheet
164Kb / 4P
   Rectifier diode
logo
ABB
5SDD33L5500 ABB-5SDD33L5500 Datasheet
829Kb / 6P
   Rectifier Diode
More results




About Dynex Semiconductor


Dynex Semiconductor was a British company that specialized in the design and manufacture of high-power semiconductors.
The company was founded in 1967 and was headquartered in Lincoln, England.
Dynex was known for its expertise in high-power semiconductor technology and its ability to deliver custom-designed power devices for various applications such as power conversion, motor control, and renewable energy systems.
In 2015, Dynex was acquired by Infineon Technologies, a leading provider of power and sensor systems.
The Dynex brand is no longer in use, but its technology and products continue to be a part of Infineon's portfolio.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com