Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

R46KN4100JEN2M Datasheet (PDF) - Kemet Corporation

R46KN4100JEN2M Datasheet PDF - Kemet Corporation
Part # R46KN4100JEN2M
Download  R46KN4100JEN2M Download

File Size   248.79 Kbytes
Page   2 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description METALLIZED POLYPROPYLENE FILM CAPACITOR

R46KN4100JEN2M Datasheet (PDF)

Go To PDF Page Download Datasheet
R46KN4100JEN2M Datasheet PDF - Kemet Corporation

Part # R46KN4100JEN2M
Download  R46KN4100JEN2M Click to download

File Size   248.79 Kbytes
Page   2 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description METALLIZED POLYPROPYLENE FILM CAPACITOR

R46KN4100JEN2M Datasheet (HTML) - Kemet Corporation

R46KN4100JEN2M Datasheet HTML 1Page - Kemet Corporation R46KN4100JEN2M Datasheet HTML 2Page - Kemet Corporation



Similar Part No. - R46KN4100JEN2M

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
R46KN410000N2M KEMET-R46KN410000N2M Datasheet
54Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 1 uF, 20%, 560 V, 275 V, 110C, Lead Spacing = 22.5mm
R46KN410000P0M KEMET-R46KN410000P0M Datasheet
36Kb / 1P
   Capacitor, film, 1 uF, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
R46KN410000P1M KEMET-R46KN410000P1M Datasheet
36Kb / 1P
   Capacitor, film, 1 F, /-20% Tol, -40/110C, Safety: X2, 275VAC, Lead Spacing=22.5 mm
R46KN410000P1M KEMET-R46KN410000P1M Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 1 uF, 20%, 560 V, 275 V, 110C, Lead Spacing = 22.5mm
R46KN410000P1M KEMET-R46KN410000P1M_17 Datasheet
53Kb / 1P
   Film, Metallized Polypropylene, Safety, R46, 1 uF, 20%, 560 V, 275 V, 110C, Lead Spacing = 22.5mm
More results


Similar Description - R46KN4100JEN2M

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MKP1845 VISHAY-MKP1845 Datasheet
210Kb / 5P
   Metallized Polypropylene Film Capacitor
Revision: 04-Jul-05
logo
Panasonic Semiconductor
ECW-F4105JL PANASONIC-ECW-F4105JL Datasheet
333Kb / 10P
   Metallized Polypropylene Film Capacitor
ECW-H12362JV PANASONIC-ECW-H12362JV Datasheet
214Kb / 14P
   Metallized Polypropylene Film Capacitor
ECQUAAF474M PANASONIC-ECQUAAF474M Datasheet
164Kb / 2P
   Metallized Polypropylene Film Capacitor
logo
Vishay Siliconix
MKP1837410011 VISHAY-MKP1837410011 Datasheet
155Kb / 3P
   Metallized Polypropylene Film Capacitor
Revision: 23-Jun-05
logo
Panasonic Semiconductor
ECWF4223MLL PANASONIC-ECWF4223MLL Datasheet
110Kb / 5P
   Metallized Polypropylene Film Capacitor
logo
Kemet Corporation
C4BSPBX3470ZAFJ KEMET-C4BSPBX3470ZAFJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
C4BSPBX4200ZBMJ KEMET-C4BSPBX4200ZBMJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
R46KI333000P2M KEMET-R46KI333000P2M Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
R474W422050A1K KEMET-R474W422050A1K Datasheet
55Kb / 1P
   Capacitor, Film, Metallized Polypropylene
C4BSNBX4150ZBJJ KEMET-C4BSNBX4150ZBJJ Datasheet
112Kb / 1P
   Capacitor, film, Metallized Polypropylene
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com