Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82432T1562K000 Datasheet (PDF) - EPCOS

B82432T1562K000 Datasheet PDF - EPCOS
Part # B82432T1562K000
Download  B82432T1562K000 Download

File Size   476.39 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Dimensional drawing and layout recommendation

B82432T1562K000 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82432T1562K000 Datasheet PDF - EPCOS

Part # B82432T1562K000
Download  B82432T1562K000 Click to download

File Size   476.39 Kbytes
Page   8 Pages
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS
Description Dimensional drawing and layout recommendation

B82432T1562K000 Datasheet (HTML) - EPCOS

B82432T1562K000 Datasheet HTML 1Page - EPCOS B82432T1562K000 Datasheet HTML 2Page - EPCOS B82432T1562K000 Datasheet HTML 3Page - EPCOS B82432T1562K000 Datasheet HTML 4Page - EPCOS B82432T1562K000 Datasheet HTML 5Page - EPCOS B82432T1562K000 Datasheet HTML 6Page - EPCOS B82432T1562K000 Datasheet HTML 7Page - EPCOS B82432T1562K000 Datasheet HTML 8Page - EPCOS

B82432T1562K000 Product details

SMT inductors, SIMID series SIMID 1812-T

Size 1812 (EIA) or 4532 (IEC)
Rated inductance 1 ... 1000 μH
Rated current 70 ... 1300 mA

Construction
■ Upright ferrite drum core
■ Laser-welded winding
■ Flame-retardant molding

Features
■ Temperature range up to +150 °C
■ High current handling capability
■ Qualified to AEC-Q200
■ Suitable for lead-free reflow soldering as referenced in JEDEC J-STD 020D
■ RoHS-compatible

Applications
■ Filtering of supply voltages, coupling, decoupling
■ DC/DC converters
■ Automotive electronics (e.g. single-wire bus systems)
■ Telecommunications
■ Industrial electronics




Similar Part No. - B82432T1562K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432T1562K000 EPCOS-B82432T1562K000 Datasheet
150Kb / 8P
   SMT inductors
B82432T1562K000 EPCOS-B82432T1562K000 Datasheet
476Kb / 8P
   SMT inductors SIMID series, SIMID 1812-T Upright ferrite drum core
B82432T1562K000 EPCOS-B82432T1562K000 Datasheet
150Kb / 8P
   SMT inductors
More results


Similar Description - B82432T1562K000

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82432C1103K EPCOS-B82432C1103K Datasheet
476Kb / 8P
   Dimensional drawing and layout recommendation
logo
PhaseLink Corporation
TB502-02 PLL-TB502-02 Datasheet
32Kb / 1P
   Layout Recommendation and Test Board for PLL502-02
logo
Hantronix,Inc
HDA430 HANTRONIX-HDA430 Datasheet
475Kb / 5P
   Dimensional Drawing
HDA570S-V HANTRONIX-HDA570S-V Datasheet
197Kb / 3P
   Dimensional Drawing
HDA700L-1 HANTRONIX-HDA700L-1 Datasheet
94Kb / 3P
   Dimensional Drawing
HDG1602F-1 HANTRONIX-HDG1602F-1 Datasheet
63Kb / 1P
   Dimensional Drawing
HDG1602P-1 HANTRONIX-HDG1602P-1 Datasheet
65Kb / 1P
   Dimensional Drawing
HDG1602P-2 HANTRONIX-HDG1602P-2 Datasheet
42Kb / 1P
   Dimensional Drawing
HDR12864-L HANTRONIX-HDR12864-L Datasheet
254Kb / 1P
   Dimensional Drawing
HDR12864-5 HANTRONIX-HDR12864-5 Datasheet
60Kb / 1P
   Dimensional Drawing
More results




About EPCOS


EPCOS AG (now TDK Electronics AG) was a German company that specialized in the design and manufacture of electronic components, including capacitors, inductors, and EMI filters.

The company was founded in 1919 and had its headquarters in Munich, Germany.

EPCOS was known for its high-quality products and innovative solutions, and it had a strong reputation in the electronics industry.

In 2009, EPCOS became a subsidiary of TDK Corporation, a multinational electronics company based in Japan.

Today, EPCOS operates as TDK Electronics and continues to provide a wide range of electronic components and solutions for use in a variety of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com