Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL2252C Datasheet (PDF) - Elantec Semiconductor

EL2252C Datasheet PDF - Elantec Semiconductor
Part # EL2252C
Download  EL2252C Download

File Size   300.77 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual 50 MHz Comparator/Pin Receiver

EL2252C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL2252C Datasheet PDF - Elantec Semiconductor

Part # EL2252C
Download  EL2252C Click to download

File Size   300.77 Kbytes
Page   12 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Dual 50 MHz Comparator/Pin Receiver

EL2252C Datasheet (HTML) - Elantec Semiconductor

Back Button EL2252C Datasheet HTML 1Page - Elantec Semiconductor EL2252C Datasheet HTML 2Page - Elantec Semiconductor EL2252C Datasheet HTML 3Page - Elantec Semiconductor EL2252C Datasheet HTML 4Page - Elantec Semiconductor EL2252C Datasheet HTML 5Page - Elantec Semiconductor EL2252C Datasheet HTML 6Page - Elantec Semiconductor EL2252C Datasheet HTML 7Page - Elantec Semiconductor EL2252C Datasheet HTML 8Page - Elantec Semiconductor EL2252C Datasheet HTML 9Page - Elantec Semiconductor EL2252C Datasheet HTML 10Page - Elantec Semiconductor Next Button 

EL2252C Product details

General Description
The EL2252 dual comparator replaces the traditional input buffer a attenuator aECL comparator +ECL to TTL translator circuit blocks used in digital equipment. The EL2252 provides a quick 7 ns propagation delay while complying with ±10V inputs. Input accuracy and propagation delay is maintained even with input signal Slew Rates as great as 4000 V/μs. The EL2252 can run on supplies as low as -5.2V and +9V and comply with ECL and CMOS inputs, or use supplies as great as ±18V for much greater input range.

Features
• Fast response—7 ns
• Inputs tolerate large overdrives with no speed nor bias current penalties
• Propagation delay is relatively constant with variations of input Slew Rate, overdrive, temperature, and supply voltage
• Output provides proper CMOS or TTL logic levels
• Hysteresis is available on-chip
• Large voltage gain—8000 V/V
• Not oscillation-prone
• Can detect 4 ns glitches
• MIL-STD-883 Rev. C compliant

Applications
• Pin receiver for automatic test equipment
• Data communications line receiver
• Frequency counter input
• Pulse squarer




Similar Part No. - EL2252C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2252CM INTERSIL-EL2252CM Datasheet
578Kb / 9P
   Dual 50MHz Comparator/Pin Receiver
EL2252CN INTERSIL-EL2252CN Datasheet
578Kb / 9P
   Dual 50MHz Comparator/Pin Receiver
More results


Similar Description - EL2252C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL2252 INTERSIL-EL2252 Datasheet
578Kb / 9P
   Dual 50MHz Comparator/Pin Receiver
logo
Semtech Corporation
EDGE7725 SEMTECH-EDGE7725 Datasheet
681Kb / 39P
   900 MHz Dual Pin Electronics Driver, Window Comparator, and Load
E7804 SEMTECH-E7804 Datasheet
692Kb / 41P
   133 MHZ Quad Pin Electronics Driver and Window Comparator
logo
Analog Devices
AD6673 AD-AD6673 Datasheet
1Mb / 45P
   80 MHz Bandwidth, Dual IF Receiver
logo
Semtech Corporation
E710AHF SEMTECH-E710AHF Datasheet
206Kb / 17P
   500 MHz Pin Electronics Driver, Window Comparator, and Load
logo
Analog Devices
AD6673 AD-AD6673_17 Datasheet
1Mb / 46P
   80 MHz Bandwidth, Dual IF Receiver
logo
Hitachi Semiconductor
HA17903 HITACHI-HA17903 Datasheet
40Kb / 8P
   Dual Comparator
logo
Mitsubishi Electric Sem...
M51923P MITSUBISHI-M51923P Datasheet
110Kb / 4P
   DUAL COMPARATOR
logo
Fairchild Semiconductor
LM319 FAIRCHILD-LM319_12 Datasheet
174Kb / 8P
   Dual Comparator
logo
Renesas Technology Corp
M5233L RENESAS-M5233L Datasheet
1Mb / 4P
   DUAL COMPARATOR
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com