Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL5427CL Datasheet (PDF) - Elantec Semiconductor

EL5427CL Datasheet PDF - Elantec Semiconductor
Part # EL5427CL
Download  EL5427CL Download

File Size   138.73 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers

EL5427CL Datasheet (PDF)

Go To PDF Page Download Datasheet
EL5427CL Datasheet PDF - Elantec Semiconductor

Part # EL5427CL
Download  EL5427CL Click to download

File Size   138.73 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Product Brief 2.5MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Buffers

EL5427CL Datasheet (HTML) - Elantec Semiconductor

EL5427CL Datasheet HTML 1Page - Elantec Semiconductor EL5427CL Datasheet HTML 2Page - Elantec Semiconductor

EL5427CL Product details

General Description

The EL5127C, EL5227C, EL5327C, and EL5427C are low power, high voltage rail-to-rail input/output buffers designed for use in refer ence voltage buffering applications in small LCD displays. They are available in quad (EL5127C), octal (EL5227C), 10-channel (EL5327C), and 12-channel (EL5427C) topologies. All buffers feature a -3dB bandwidth of 2.5MHz and operate from just 120µA per buffer. This family also features a continuous output drive capability of 30mA (sink and source).



Features

• 2.5MHz -3dB bandwidth

• Supply voltage = 4.5V to 16.5V

• Low supply current (per buffer) =120µA

• High slew rate = 1.5V/µs

• Rail-to-rail input/output swing

• Ultra-small packages



Applications

• TFT-LCD drive circuits

• Electronic games

• Touch-screen displays

• Personal communication devices

• Personal digital assistants (PDA)

• Portable instrumentation




Similar Part No. - EL5427CL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5427CL INTERSIL-EL5427CL Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5427CL INTERSIL-EL5427CL Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5427CL RENESAS-EL5427CL Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5427CL-T13 INTERSIL-EL5427CL-T13 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
EL5427CL-T13 INTERSIL-EL5427CL-T13 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
More results


Similar Description - EL5427CL

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL5127 INTERSIL-EL5127_06 Datasheet
294Kb / 17P
   2.5MHz 4, 8, 10 & 12 Channel Rail-to-Rail Buffers
logo
Renesas Technology Corp
EL5127 RENESAS-EL5127 Datasheet
778Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Intersil Corporation
EL5127 INTERSIL-EL5127 Datasheet
300Kb / 17P
   2.5MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Buffers
logo
Elantec Semiconductor
EL5123C ELANTEC-EL5123C Datasheet
139Kb / 2P
   Product Brief 12MHz 4-, 8-, 10- & 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5423 INTERSIL-EL5423 Datasheet
289Kb / 12P
   12MHz 4, 8, 10 & 12 Channel Rail-to-Rail Input-Output Buffers
logo
Renesas Technology Corp
EL5123 RENESAS-EL5123 Datasheet
777Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Intersil Corporation
EL5123 INTERSIL-EL5123 Datasheet
290Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
EL5123 INTERSIL-EL5123 Datasheet
560Kb / 17P
   12MHz 4-, 8-, 10- and 12-Channel Rail-to-Rail Input-Output Buffers
logo
Analog Devices
LTC2630 AD-LTC2630 Datasheet
495Kb / 22P
   Single 12-/10-/8-Bit Rail-to- Rail DACs
logo
Renesas Technology Corp
EL5027 RENESAS-EL5027 Datasheet
524Kb / 10P
   Dual 2.5MHz Rail-to-Rail Input-Output Buffer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com