Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6291C Datasheet (PDF) - Elantec Semiconductor

EL6291C Datasheet PDF - Elantec Semiconductor
Part # EL6291C
Download  EL6291C Download

File Size   138.54 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Laser Diode Driver with Waveform Generator

EL6291C Datasheet (PDF)

Go To PDF Page Download Datasheet
EL6291C Datasheet PDF - Elantec Semiconductor

Part # EL6291C
Download  EL6291C Click to download

File Size   138.54 Kbytes
Page   2 Pages
Manufacturer  ELANTEC [Elantec Semiconductor]
Direct Link  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Description Laser Diode Driver with Waveform Generator

EL6291C Datasheet (HTML) - Elantec Semiconductor

EL6291C Datasheet HTML 1Page - Elantec Semiconductor EL6291C Datasheet HTML 2Page - Elantec Semiconductor

EL6291C Product details

General Description
The EL6291C is a highly integrated laser diode driver designed to support multi-standard writable optical drives. It accomplishes this by incorporating a waveform generator wherein the diode currents and timing details can be programmed before operation. The data input circuitry inspects the NRZ serial data waveform and generates programmed waveforms in recognition of 3, 4, 5, or 6 or more clock periods of space changing to 3, 4, 5, or 6 or more clock periods of mark, and vice versa.

Features
• Complete programmable laser diode driver
• 250mA maximum output
• 8bit x 8bit multiplying DAC output provides 8bit full scale adjustment and 8bit resolution at any full scale output
• 0.17 nsec timer resolution
• Two laser outputs allows read/write DVD and CD combinations
• Programmable waveform values support 2.6GB DVD-RAM, 4.7GB DVD-RAM, DVD-R, DVD+RW, DVD-RW, CD-RW, and CD-R
• Analog input supports APC
• HFM oscillator programmable to 100mAP-P from 200MHz to 600MHz
• PLL allows reduced-frequency clock on flex cable
• Separate serial input works up to 25Mb/sec

Applications
• Combination DVD writable and CD writable drives
• DVD camcorders
• DVD video recorders




Similar Part No. - EL6291C

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6290C ELANTEC-EL6290C Datasheet
137Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6290CJ ELANTEC-EL6290CJ Datasheet
137Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6290CL ELANTEC-EL6290CL Datasheet
137Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6290CU ELANTEC-EL6290CU Datasheet
137Kb / 2P
   Laser Diode Driver with Waveform Generator
logo
Intersil Corporation
EL6293 INTERSIL-EL6293 Datasheet
45Kb / 2P
   Laser Diode Driver with Waveform Generator
More results


Similar Description - EL6291C

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6938 INTERSIL-EL6938 Datasheet
95Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6298 INTERSIL-EL6298 Datasheet
44Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6900 INTERSIL-EL6900 Datasheet
25Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6196 INTERSIL-EL6196 Datasheet
44Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6934 INTERSIL-EL6934 Datasheet
96Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6934A INTERSIL-EL6934A Datasheet
99Kb / 2P
   Laser Diode Driver with Waveform Generator
logo
Elantec Semiconductor
EL6290C ELANTEC-EL6290C Datasheet
137Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6293C ELANTEC-EL6293C Datasheet
138Kb / 2P
   Laser Diode Driver with Waveform Generator
logo
Intersil Corporation
EL6196A INTERSIL-EL6196A Datasheet
44Kb / 2P
   Laser Diode Driver with Waveform Generator
EL6293 INTERSIL-EL6293 Datasheet
45Kb / 2P
   Laser Diode Driver with Waveform Generator
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com