Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SD3114-220-R Datasheet (PDF) - Cooper Bussmann, Inc.

SD3114-220-R Datasheet PDF - Cooper Bussmann, Inc.
Part # SD3114-220-R
Download  SD3114-220-R Download

File Size   128.32 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Low Profile Power Inductors

SD3114-220-R Datasheet (PDF)

Go To PDF Page Download Datasheet
SD3114-220-R Datasheet PDF - Cooper Bussmann, Inc.

Part # SD3114-220-R
Download  SD3114-220-R Click to download

File Size   128.32 Kbytes
Page   3 Pages
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.
Description Low Profile Power Inductors

SD3114-220-R Datasheet (HTML) - Cooper Bussmann, Inc.

SD3114-220-R Datasheet HTML 1Page - Cooper Bussmann, Inc. SD3114-220-R Datasheet HTML 2Page - Cooper Bussmann, Inc. SD3114-220-R Datasheet HTML 3Page - Cooper Bussmann, Inc.

SD3114-220-R Product details

Description
• 125°C maximum total temperature operation
• 3.1mm x 3.1mm x 1.4mm shielded drum core
• Ferrite core material
• Inductance range from 1.0uH to 330uH
• Current range from 2.59 Amps to 0.106 Amps
• Frequency range up to 4MHz

Applications
• Cellular phones, Digital cameras, CD players, PDA’s
• Small LCD displays
• LED driver and LED flash circuits
• Hard disk drives
• Backlighting
• EL panel




Similar Part No. - SD3114-220-R

ManufacturerPart #DatasheetDescription
logo
Winchester Electronics ...
SD311-351-1000G WINCHESTER-SD311-351-1000G Datasheet
105Kb / 1P
   31 SERIES RECEPTACLE TO SMA JACK ADAPTER
SD311-510-0850G WINCHESTER-SD311-510-0850G Datasheet
77Kb / 1P
   STRAIGHT CABLE RECEPTACLE
SD311-510-1410G WINCHESTER-SD311-510-1410G Datasheet
79Kb / 1P
   RDM STRAIGHT RECEPTACLE
logo
Cooper Bussmann, Inc.
SD3110-100-R COOPER-SD3110-100-R Datasheet
121Kb / 3P
   Low Profile Power Inductors
SD3110-101-R COOPER-SD3110-101-R Datasheet
121Kb / 3P
   Low Profile Power Inductors
More results


Similar Description - SD3114-220-R

ManufacturerPart #DatasheetDescription
logo
Superworld Electronics
SPA252010HFR16M SUPERWORLD-SPA252010HFR16M Datasheet
307Kb / 8P
   Low Profile Power Inductors
SPS6045N1R0YF SUPERWORLD-SPS6045N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
L252010SFR24MA SUPERWORLD-L252010SFR24MA Datasheet
518Kb / 5P
   Low Profile Power Inductors
logo
ice Components, Ins.
LP01 ICE-LP01 Datasheet
257Kb / 1P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS4012FT SUPERWORLD-SPS4012FT Datasheet
694Kb / 9P
   Low Profile Power Inductors
SPS3012FT SUPERWORLD-SPS3012FT Datasheet
254Kb / 5P
   Low Profile Power Inductors
SPS3020FT SUPERWORLD-SPS3020FT Datasheet
248Kb / 5P
   Low Profile Power Inductors
logo
Cooper Bussmann, Inc.
DR1040-1R5-R COOPER-DR1040-1R5-R Datasheet
175Kb / 3P
   Low Profile Power Inductors
logo
Superworld Electronics
SPS5012FTR47N SUPERWORLD-SPS5012FTR47N Datasheet
303Kb / 8P
   Low Profile Power Inductors
SPC4018FT-R56NZF SUPERWORLD-SPC4018FT-R56NZF Datasheet
848Kb / 7P
   Low Profile Power Inductors
SPS8040N1R0YF SUPERWORLD-SPS8040N1R0YF Datasheet
1Mb / 7P
   LOW PROFILE POWER INDUCTORS
More results




About Cooper Bussmann, Inc.


Cooper Bussmann, Inc. is a company that specializes in providing electrical safety and circuit protection solutions. The company was founded in 1914 and is headquartered in St. Louis, Missouri, USA.

Cooper Bussmann offers a wide range of products, including fuses, fuse blocks, power distribution blocks, disconnect switches, and surge protective devices. These products are used in various applications, such as power generation, transmission, and distribution, as well as in industrial, commercial, and residential settings.

In 2008, Cooper Bussmann was acquired by Eaton Corporation, a multinational power management company. Today, the company operates as a business unit of Eaton's Electrical Sector.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com