Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HFM103 Datasheet (PDF) - Formosa MS

HFM103 Datasheet PDF - Formosa MS
Part # HFM103
Download  HFM103 Download

File Size   69.74 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Ultra fast recovery type

HFM103 Datasheet (PDF)

Go To PDF Page Download Datasheet
HFM103 Datasheet PDF - Formosa MS

Part # HFM103
Download  HFM103 Click to download

File Size   69.74 Kbytes
Page   2 Pages
Manufacturer  FORMOSA [Formosa MS]
Direct Link  http://www.formosams.com
Logo FORMOSA - Formosa MS
Description Ultra fast recovery type

HFM103 Datasheet (HTML) - Formosa MS

HFM103 Datasheet HTML 1Page - Formosa MS HFM103 Datasheet HTML 2Page - Formosa MS

HFM103 Product details

Fast recovery type

Features
• Plastic package has Underwriters Laboratory FlammabilityClassification 94V-O Utilizing Flame RetardantEpoxy Molding Compound.
• For surface mounted applications.
• Exceeds environmental standards of MIL-S-19500 / 228
• Low leakage current.




Similar Part No. - HFM103

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
HFM103 RECTRON-HFM103 Datasheet
27Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER (VOLTAGE RANGE 50 to 1000 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
HFM103 FORMOSA-HFM103 Datasheet
36Kb / 2P
   Chip Silicon Rectifier - Fast recovery type
logo
WILLAS ELECTRONIC CORP
HFM103 WILLAS-HFM103 Datasheet
596Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Shenzhen Taychipst Elec...
HFM103 TAYCHIPST-HFM103 Datasheet
3Mb / 2P
   SURFACE MOUNT GLASS PASSIVATED HIGH EFFICIENCY SILICON RECTIFIER
logo
Leshan Radio Company
HFM103 LRC-HFM103 Datasheet
179Kb / 9P
   Surface Mount Glass Passivated High Efficiency Rectifiers Reverse Voltage 50 to 1000V Forward Current 1.0A
More results


Similar Description - HFM103

ManufacturerPart #DatasheetDescription
logo
Formosa MS
HFM101-M FORMOSA-HFM101-M Datasheet
70Kb / 2P
   Ultra fast recovery type
logo
SHENZHEN YONGERJIA INDU...
H21 WINNERJOIN-H21 Datasheet
129Kb / 2P
   Ultra fast recovery type
H11 WINNERJOIN-H11 Datasheet
150Kb / 2P
   Ultra fast recovery type
HFM101-M WINNERJOIN-HFM101-M Datasheet
94Kb / 2P
   Ultra fast recovery type
H31 WINNERJOIN-H31 Datasheet
126Kb / 2P
   Ultra fast recovery type
logo
Formosa MS
HFM301 FORMOSA-HFM301 Datasheet
70Kb / 2P
   Ultra fast recovery type
HFM101-L FORMOSA-HFM101-L Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
HFM101-MH FORMOSA-HFM101-MH Datasheet
80Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
HFM201-L FORMOSA-HFM201-L Datasheet
81Kb / 2P
   Chip Silicon Rectifier - Ultra fast recovery type
logo
Infineon Technologies A...
IDW40E65D1 INFINEON-IDW40E65D1 Datasheet
1Mb / 11P
   Ultra fast recovery
Rev.1.1,2013-03-13
More results




About Formosa MS


Formosa MS is a Taiwanese semiconductor company that specializes in the design and manufacture of integrated circuits (ICs) and semiconductor devices for a wide range of applications. The company was founded in 1979 and is based in Taipei, Taiwan.

Formosa MS's product portfolio includes analog and mixed-signal ICs, power management ICs, LED lighting ICs, and automotive ICs, among others. The company's products are used in various industries, such as automotive, industrial, consumer electronics, and communications.

Formosa MS is committed to quality and reliability, and it has obtained various certifications, including ISO 9001, ISO 14001, and IATF 16949. The company's manufacturing facilities use advanced production equipment and quality control processes to ensure the highest levels of product performance and reliability.

Today, Formosa MS is recognized as a leading semiconductor company in Taiwan, with a strong reputation for providing high-quality and innovative solutions to its customers. The company continues to invest in research and development to stay at the forefront of new technologies and applications in the semiconductor industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com