Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LL1005-FHL6N8J Datasheet (PDF) - TOKO, Inc

LL1005-FHL6N8J Datasheet PDF - TOKO, Inc
Part # LL1005-FHL6N8J
Download  LL1005-FHL6N8J Download

File Size   194.82 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Multilayer Chip Inductors

LL1005-FHL6N8J Datasheet (PDF)

Go To PDF Page Download Datasheet
LL1005-FHL6N8J Datasheet PDF - TOKO, Inc

Part # LL1005-FHL6N8J
Download  LL1005-FHL6N8J Click to download

File Size   194.82 Kbytes
Page   2 Pages
Manufacturer  TOKO [TOKO, Inc]
Direct Link  http://www.toko.com
Logo TOKO - TOKO, Inc
Description Multilayer Chip Inductors

LL1005-FHL6N8J Datasheet (HTML) - TOKO, Inc

LL1005-FHL6N8J Datasheet HTML 1Page - TOKO, Inc LL1005-FHL6N8J Datasheet HTML 2Page - TOKO, Inc

LL1005-FHL6N8J Product details

Multilayer Chip Inductors

The LL1005-FHL Series is a multilayer ceramic chip inductor with an EIA standard 0402 footprint, lead-free terminations, and expanded electrical specifications with respect to inductance, Q, self-resonant frequency, and operating temperature range.

Features
• Inductance range: 1.0-100nH
• Miniature size: 0402 footprint (1.0mm x 0.5mm)
• Inductance specified at 100MHz and 800MHz
• Self-resonant frequency specified at ±15%
• Q: 8 ~ 50 typical (at 1800MHz)
• Temperature coefficient of inductance: +250ppm/°C
• Temperature range: –55°C to +125°C
• S-parameter data available upon request
• Packaged on tape and reel in 10,000 piece quantity
• Reflow solderable
• Lead-free terminations




Similar Part No. - LL1005-FHL6N8J

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1005-FHL6N8J TOKO-LL1005-FHL6N8J Datasheet
381Kb / 2P
   Multilayer Chip Inductors
More results


Similar Description - LL1005-FHL6N8J

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
LL1608FS TOKO-LL1608FS Datasheet
378Kb / 2P
   Multilayer Chip Inductors
LL1608FSL TOKO-LL1608FSL Datasheet
377Kb / 2P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CKS21252R2M-T TAIYO-YUDEN-CKS21252R2M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
CKS21254R7M-T TAIYO-YUDEN-CKS21254R7M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK2125R68M-T TAIYO-YUDEN-CK2125R68M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
CK21253R3M-T TAIYO-YUDEN-CK21253R3M-T Datasheet
137Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC05-R01M-RC ALLIED-MLC05-R01M-RC Datasheet
781Kb / 1P
   Multilayer Chip Inductors
MLC20 ALLIED-MLC20 Datasheet
524Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK2125R47M-T TAIYO-YUDEN-CK2125R47M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
logo
Allied Components Inter...
MLC20-R047M-RC ALLIED-MLC20-R047M-RC Datasheet
773Kb / 1P
   Multilayer Chip Inductors
logo
Taiyo Yuden (U.S.A.), I...
CK21251R0M-T TAIYO-YUDEN-CK21251R0M-T Datasheet
143Kb / 1P
   Multilayer Chip Inductors
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com